Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83210 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS83210
Description  LOW SKEW, 1-TO-10 HSTL FANOUT BUFFER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83210 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS83210 Datasheet HTML 1Page - Integrated Device Technology ICS83210 Datasheet HTML 2Page - Integrated Device Technology ICS83210 Datasheet HTML 3Page - Integrated Device Technology ICS83210 Datasheet HTML 4Page - Integrated Device Technology ICS83210 Datasheet HTML 5Page - Integrated Device Technology ICS83210 Datasheet HTML 6Page - Integrated Device Technology ICS83210 Datasheet HTML 7Page - Integrated Device Technology ICS83210 Datasheet HTML 8Page - Integrated Device Technology ICS83210 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IDT™ / ICS™ LOW SKEW, 1-TO-10 HSTL FANOUT BUFFER
5
ICS83210AY REV. A MAY 15, 2007
ICS83210
LOW SKEW, 1-TO-10 HSTL FANOUT BUFFER
PARAMETER MEASUREMENT INFORMATION
1.5V OUTPUT LOAD AC TEST CIRCUIT
PART-TO-PART SKEW
PROPAGATION DELAY
tsk(o)
V
DD
2
V
DD
2
Qx
Qy
OUTPUT SKEW
tsk(pp)
V
DD
2
V
DD
2
Qx
Qy
PART 1
PART 2
OUTPUT RISE/FALL TIME
SCOPE
Qx
HSTL
GND
V
DD
0.75V±8%
t
PERIOD
t
PW
t
PERIOD
odc =
V
DD
2
x 100%
t
PW
Q0:Q9
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
IN
Q0:Q9
tp
LH
tp
HL
V
DD
2
V
DD
2
V
DD
2
V
DD
2
Clock
Outputs
20%
80%
80%
20%
tR
t F
-0.75V±8%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com