Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83905AMLF Datasheet(PDF) 17 Page - Integrated Device Technology

Part # ICS83905AMLF
Description  LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83905AMLF Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button ICS83905AMLF Datasheet HTML 11Page - Integrated Device Technology ICS83905AMLF Datasheet HTML 12Page - Integrated Device Technology ICS83905AMLF Datasheet HTML 13Page - Integrated Device Technology ICS83905AMLF Datasheet HTML 14Page - Integrated Device Technology ICS83905AMLF Datasheet HTML 15Page - Integrated Device Technology ICS83905AMLF Datasheet HTML 16Page - Integrated Device Technology ICS83905AMLF Datasheet HTML 17Page - Integrated Device Technology ICS83905AMLF Datasheet HTML 18Page - Integrated Device Technology ICS83905AMLF Datasheet HTML 19Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
IDT™ / ICS™ LVCMOS/LVTTL FANOUT BUFFER
17
ICS83905AM REV. B JULY 9, 2007
ICS83905
LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology, Incorporated (IDT) assumes no responsibility for either its use or for
infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring high reliability or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves
the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.
TABLE 9. ORDERING INFORMATION
r
e
b
m
u
N
r
e
d
r
O
/
t
r
a
Pg
n
i
k
r
a
Me
g
a
k
c
a
Pg
n
i
g
a
k
c
a
P
g
n
i
p
p
i
h
Se
r
u
t
a
r
e
p
m
e
T
M
A
5
0
9
3
8
S
C
IM
A
5
0
9
3
8C
I
O
S
d
a
e
L
6
1e
b
u
tC
°
0
7
o
t
C
°
0
T
M
A
5
0
9
3
8
S
C
IM
A
5
0
9
3
8C
I
O
S
d
a
e
L
6
1l
e
e
r
&
e
p
a
t
0
0
5
2C
°
0
7
o
t
C
°
0
F
L
M
A
5
0
9
3
8
S
C
IL
M
A
5
0
9
3
8C
I
O
S
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
6
1e
b
u
tC
°
0
7
o
t
C
°
0
T
F
L
M
A
5
0
9
3
8
S
C
IL
M
A
5
0
9
3
8C
I
O
S
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
6
1l
e
e
r
&
e
p
a
t
0
0
5
2C
°
0
7
o
t
C
°
0
G
A
5
0
9
3
8
S
C
IG
A
5
0
9
3
8P
O
S
S
T
d
a
e
L
6
1e
b
u
tC
°
0
7
o
t
C
°
0
T
G
A
5
0
9
3
8
S
C
IG
A
5
0
9
3
8P
O
S
S
T
d
a
e
L
6
1l
e
e
r
&
e
p
a
t
0
0
5
2C
°
0
7
o
t
C
°
0
F
L
G
A
5
0
9
3
8
S
C
IL
G
A
5
0
9
3
8P
O
S
S
T
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
6
1e
b
u
tC
°
0
7
o
t
C
°
0
T
F
L
G
A
5
0
9
3
8
S
C
IL
G
A
5
0
9
3
8P
O
S
S
T
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
6
1l
e
e
r
&
e
p
a
t
0
0
5
2C
°
0
7
o
t
C
°
0
K
A
5
0
9
3
8
S
C
IA
5
0
9
3
8N
F
Q
F
V
d
a
e
L
0
2e
b
u
tC
°
0
7
o
t
C
°
0
T
K
A
5
0
9
3
8
S
C
IA
5
0
9
3
8N
F
Q
F
V
d
a
e
L
0
2l
e
e
r
&
e
p
a
t
0
0
5
2C
°
0
7
o
t
C
°
0
F
L
K
A
5
0
9
3
8
S
C
IL
A
5
0
9
3N
F
Q
F
V
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
0
2e
b
u
tC
°
0
7
o
t
C
°
0
T
F
L
K
A
5
0
9
3
8
S
C
IL
A
5
0
9
3N
F
Q
F
V
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
0
2l
e
e
r
&
e
p
a
t
0
0
5
2C
°
0
7
o
t
C
°
0
NOTE: Parts that are ordered with an “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com