Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83905AMLF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS83905AMLF
Description  LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83905AMLF Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS83905AMLF Datasheet HTML 1Page - Integrated Device Technology ICS83905AMLF Datasheet HTML 2Page - Integrated Device Technology ICS83905AMLF Datasheet HTML 3Page - Integrated Device Technology ICS83905AMLF Datasheet HTML 4Page - Integrated Device Technology ICS83905AMLF Datasheet HTML 5Page - Integrated Device Technology ICS83905AMLF Datasheet HTML 6Page - Integrated Device Technology ICS83905AMLF Datasheet HTML 7Page - Integrated Device Technology ICS83905AMLF Datasheet HTML 8Page - Integrated Device Technology ICS83905AMLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LOW SKEW, 1:6 CRYSTAL-TO-
LVCMOS/LVTTL FANOUT BUFFER
ICS83905
IDT™ / ICS™ LVCMOS/LVTTL FANOUT BUFFER
1
ICS83905AM REV. B JULY 9, 2007
GENERAL DESCRIPTION
The ICS83905 is a low skew, 1-to-6 LVCMOS / LVTTL
Fanout Buffer and a member of the HiPerClockS™
family of High Performance Clock Solutions from IDT.
The low impedance LVCMOS/LVTTL outputs are de-
signed to drive 50
Ω series or parallel terminated
transmission lines. The effective fanout can be increased from 6
to 12 by utilizing the ability of the outputs to drive two series
terminated lines.
The ICS83905 is characterized at full 3.3V, 2.5V, and 1.8V,
mixed 3.3V/2.5V, 3.3V/1.8V and 2.5V/1.8V output operating
supply mode. Guaranteed output and part-to-part skew char-
acteristics along with the 1.8V output capabilities makes the
ICS83905 ideal for high performance, single ended applica-
tions that also require a limited output voltage.
FEATURES
• Six LVCMOS / LVTTL outputs
• Outputs able to drive 12 series terminated lines
• Crystal oscillator interface
• Crystal input frequency range: 10MHz to 40MHz
• Output skew: 80ps (maximum)
• RMS phase jitter @ 25MHz, (100Hz - 1MHz):
0.26ps (typical) (V
DD = VDDO = 2.5V)
Phase noise:
Offset
Noise Power
100Hz ............. -129.7 dBc/Hz
1kHz ............. -144.4 dBc/Hz
10kHz ............. -147.3 dBc/Hz
100kHz ............. -157.3 dBc/Hz
• 5V tolerant enable inputs
• Synchronous output enables
• Operating power supply modes:
Full 3.3V, 2.5V and 1.8V,
mixed 3.3V core/2.5V output operating supply,
mixed 3.3V core/1.8V output operating supply,
mixed 2.5V core/1.8V output operating supply
• 0°C to 70°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
HiPerClockS™
ICS
XTAL_OUT
ENABLE 2
GND
BCLK0
VDDo
BCLK1
GND
BCLK2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
XTAL_IN
ENABLE 1
BCLK5
VDDO
BCLK4
GND
BCLK3
VDD
ICS83905
16-Lead SOIC
3.9mm x 9.9mm x 1.38mm body
package
M Pacakge
Top View
16-Lead TSSOP
4.4mm x 5.0mm x 0.92mm body
package
G Pacakge
Top View
20 19 18 17 16
6
7
8
9 10
1
2
3
4
5
15
14
13
12
11
BCLK5
VDDO
BCLK4
GND
GND
GND
GND
BCLK0
VDDO
BCLK1
ICS83905
20-Lead VFQFN
4mm x 4mm x 0.9mm
body package
K Package
Top View
PIN ASSIGNMENTS
BLOCK DIAGRAM
SYNCHRONIZE
SYNCHRONIZE
BCLK0
BCLK1
BCLK2
BCLK3
BCLK4
BCLK5
ENABLE 1
ENABLE 2
XTAL_IN
XTAL_OUT


Similar Part No. - ICS83905AMLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83905AMLF ICST-ICS83905AMLF Datasheet
362Kb / 14P
LOW SKEW, 1:6 CRYSTAL INTERFACE-TOLVCMOS / LVTTL FANOUT BUFFER
REV. A JANUARY 20, 2005
ICS83905AMLFT ICST-ICS83905AMLFT Datasheet
362Kb / 14P
LOW SKEW, 1:6 CRYSTAL INTERFACE-TOLVCMOS / LVTTL FANOUT BUFFER
REV. A JANUARY 20, 2005
More results

Similar Description - ICS83905AMLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83905I ICST-ICS83905I Datasheet
221Kb / 16P
LOW SKEW, 1:6 CRYSTAL INTERFACE-TO LVCMOS/LVTTL FANOUT BUFFER
REV. B MAY 16, 2005
ICS83908-02 ICST-ICS83908-02 Datasheet
201Kb / 14P
LOW SKEW, 1-TO-8 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. A JULY 20, 2005
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_08 Datasheet
965Kb / 21P
Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0206T PERICOM-PI6C49X0206T Datasheet
1,020Kb / 8P
Low Skew, 1-To-6 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
83905 IDT-83905 Datasheet
493Kb / 21P
Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
83918 IDT-83918_16 Datasheet
332Kb / 19P
Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
83904I-02 IDT-83904I-02 Datasheet
403Kb / 16P
Low Skew, 1-to-4, Crystal-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905 RENESAS-83905 Datasheet
691Kb / 22P
Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
83905I RENESAS-83905I Datasheet
694Kb / 22P
Low Skew, 1:6 Crystal Interface to LVCMOS/ LVTTL Fanout Buffer
September 28, 2016
83918 RENESAS-83918 Datasheet
527Kb / 20P
Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
March 17, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com