Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1626IPAPR Datasheet(PDF) 18 Page - Texas Instruments

Part # ADS1626IPAPR
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1626IPAPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS1626IPAPR Datasheet HTML 14Page - Texas Instruments ADS1626IPAPR Datasheet HTML 15Page - Texas Instruments ADS1626IPAPR Datasheet HTML 16Page - Texas Instruments ADS1626IPAPR Datasheet HTML 17Page - Texas Instruments ADS1626IPAPR Datasheet HTML 18Page - Texas Instruments ADS1626IPAPR Datasheet HTML 19Page - Texas Instruments ADS1626IPAPR Datasheet HTML 20Page - Texas Instruments ADS1626IPAPR Datasheet HTML 21Page - Texas Instruments ADS1626IPAPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
18
INPUT CIRCUITRY
The ADS1625/6 uses switched-capacitor circuitry to
measure the input voltage. Internal capacitors are charged
by the inputs and then discharged internally with this cycle
repeating at the frequency of CLK. Figure 8 shows a
conceptual diagram of these circuits. Switches S2 represent
the net effect of the modulator circuitry in discharging the
sampling capacitors, the actual implementation is different.
The timing for switches S1 and S2 is shown in Figure 9.
S
1
S
2
10pF
AINP
ADS1625
ADS1626
8pF
VMID
S
1
S
2
10pF
AINN
8pF
VMID
AGND
Figure 8. Conceptual Diagram of Internal
Circuitry Connected to the Analog Inputs
On
S1
S2
Off
On
Off
t
SAMPLE =1/fCLK
Figure 9. Timing for the Switches in Figure 2
DRIVING THE INPUTS
The external circuits driving the ADS1625/6 inputs must
be able to handle the load presented by the switching
capacitors within the ADS1625/6. Input switches S1 in
Figure 9 are closed approximately
onehalf of the
sampling period, tsample, allowing only ≈12ns for the
internal capacitors to be charged by the inputs, when
fCLK = 40MHz.
Figure 10 and Figure 11 show the recommended circuits
when using single-ended or differential op amps,
respectively.
The
analog
inputs
must
be
driven
differentially to achieve optimum performance. The
external capacitors, between the inputs and from each
input to AGND, improve linearity and should be placed as
close to the pins as possible. Place the drivers close to the
inputs and use good capacitor bypass techniques on their
supplies; usually a smaller high-quality ceramic capacitor
in parallel with a larger capacitor. Keep the resistances
used in the driver circuits low—thermal noise in the driver
circuits degrades the overall noise performance. When the
signal can be ac-coupled to the ADS1625/6 inputs, a
simple RC filter can set the input common-mode voltage.
The ADS1625/6 is a high-speed, high-performance ADC.
Special care must be taken when selecting the test
equipment and setup used with this device. Pay particular
attention to the signal sources to ensure they do not limit
performance when measuring the ADS1625/6.
392
Ω
OPA 2822
AD S162 5
AD S162 6
AGN D
OPA 2822
40pF
V
CM
(1)
V
CM
(1 )
V
CM
(1 )
100pF
AINP
AINN
100pF(3)
392
Ω
40pF
100pF
(1) Recommended V
CM =2.0V.
(2) Optional ac−coupling circuit provides common−mode input voltage.
(3) Increase to 390pF when f
IN
100kHz for improved SNR and THD.
(2)
(2)
(2 )
(2 )
−
V
IN
2
V
IN
2
392
Ω
392
Ω
392
Ω
0.01 F
0.01 F
392
Ω
1F
392
Ω
1k
Ω
1k
Ω
1F
392
Ω
49.9
Ω
49.9
Ω
≤
µ
µ
µ
µ
Figure 10. Recommended Driver Circuit Using the
OPA2822
ADS1625
THS4503
ADS1626
22pF
−V
IN
+V
IN
100pF
100pF
AINP
AINN
100pF
24.9
Ω
392
Ω
392
Ω
24.9
Ω
392
Ω
392
Ω
22pF
V
CM
Figure 11. Recommended Driver Circuits Using
the THS4503 Differential Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com