Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1626IPAPR Datasheet(PDF) 20 Page - Texas Instruments

Part # ADS1626IPAPR
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1626IPAPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS1626IPAPR Datasheet HTML 16Page - Texas Instruments ADS1626IPAPR Datasheet HTML 17Page - Texas Instruments ADS1626IPAPR Datasheet HTML 18Page - Texas Instruments ADS1626IPAPR Datasheet HTML 19Page - Texas Instruments ADS1626IPAPR Datasheet HTML 20Page - Texas Instruments ADS1626IPAPR Datasheet HTML 21Page - Texas Instruments ADS1626IPAPR Datasheet HTML 22Page - Texas Instruments ADS1626IPAPR Datasheet HTML 23Page - Texas Instruments ADS1626IPAPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
20
CLOCK INPUT (CLK)
The ADS1625/6 requires an external clock signal to be
applied to the CLK input pin. The sampling of the
modulator is controlled by this clock signal. As with any
high-speed data converter, a high quality clock is essential
for optimum performance. Crystal clock oscillators are the
recommended CLK source; other sources, such as
frequency synthesizers, are usually not adequate. Make
sure to avoid excess ringing on the CLK input; keeping the
trace as short as possible will help.
Measuring
high-frequency,
large-amplitude
signals
requires tight control of clock jitter. The uncertainty during
sampling of the input from clock jitter limits the maximum
achievable SNR. This effect becomes more pronounced
with higher frequency and larger magnitude inputs.
Fortunately,
the
ADS1625/6
oversampling topology
reduces clock jitter sensitivity over that of Nyquist rate
converters like pipeline and successive approximation
converters by a factor of
√32.
In order to not limit the ADS1625/6 SNR performance,
keep the jitter on the clock source below the values shown
in Table 1. When measuring lower frequency and lower
amplitude inputs, more CLK jitter can be tolerated. In
determining the allowable clock source jitter, select the
worst-case input (highest frequency, largest amplitude)
that will be seen in the application.
Table 1. Maximum Allowable Clock Source Jitter
for Different Input Signal Frequencies and
Amplitude
INPUT SIGNAL
MAXIMUM
ALLOWABLE
MAXIMUM
FREQUENCY
MAXIMUM
AMPLITUDE
ALLOWABLE
CLOCK SOURCE
JITTER (RMS)
500kHz
−2dB
7ps
500kHz
−20dB
50ps
100kHz
−2dB
35ps
100kHz
−20dB
285ps
DATA FORMAT
The 18-bit output data is in binary two’s complement format,
as shown in Table 2. Under normal operation, the output
codes range between 200A8h to 1FF57h. Signals less than
−1.467VREF will clip at 200A8h and likewise, signals greater
than 1.467VREF will clip at 1FF57h. For large step changes
on the inputs, the output clips at the positive full-scale value
of 1FFFFh (positive transients) or the negative full-scale
value of 20000h (negative transients).
Table 2. Output Code Versus Input Signal
INPUT SIGNAL
(INP – INN)
IDEAL OUTPUT
CODE(1)
OTR
≥ +1.467VREF (> 0dB)(2)
1FFFFh
1
≥ +1.467VREF (0dB)
1FF57h
0
+1.467V
REF
217
* 1
00001h
0
0
00000h
0
−1.467V
REF
217
* 1
3FFFFh
0
v −1.467V
REF
217
217
* 1
200A8h
0
v −1.467V
REF
217
217
* 1
(2)
20000h
1
(1) Excludes effects of noise, INL, offset and gain errors.
(2) Large step inputs.
OUT-OF-RANGE INDICATION (OTR)
If the output code on DOUT[17:0] exceeds the positive or
negative full-scale, the out-of-range digital output OTR will
go high on the falling edge of DRDY. When the output code
returns within the full-scale range, OTR returns low on the
falling edge of DRDY.
DATA RETRIEVAL
Data retrieval is controlled through a simple parallel
interface. The falling edge of the DRDY output indicates
new data are available. To activate the output bus, both CS
and RD must be low, as shown in Table 3. On the
ADS1625, both of these signals can be tied low. On the
ADS1626 with FIFO enabled, only CS can be tied low
because RD must toggle to operate the FIFO. See the
FIFO section for more details. Make sure the DOUT bus
does not drive heavy loads (> 20pF), as this will degrade
performance. Use an external buffer when driving an edge
connector or cables.
Table 3. Truth Table for CS and RD
CS
RD
DOUT[17:0]
0
0
Active
0
1
High impedance
1
0
High impedance
1
1
High impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com