Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1626IPAPR Datasheet(PDF) 24 Page - Texas Instruments

Part # ADS1626IPAPR
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1626IPAPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS1626IPAPR Datasheet HTML 20Page - Texas Instruments ADS1626IPAPR Datasheet HTML 21Page - Texas Instruments ADS1626IPAPR Datasheet HTML 22Page - Texas Instruments ADS1626IPAPR Datasheet HTML 23Page - Texas Instruments ADS1626IPAPR Datasheet HTML 24Page - Texas Instruments ADS1626IPAPR Datasheet HTML 25Page - Texas Instruments ADS1626IPAPR Datasheet HTML 26Page - Texas Instruments ADS1626IPAPR Datasheet HTML 27Page - Texas Instruments ADS1626IPAPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
24
FIFO (ADS1626 ONLY)
The ADS1626 includes an adjustable level first-in first-out
buffer (FIFO) for the output data. The FIFO allows data to
be temporarily stored within the ADS1626 to provide more
flexibility for the host controller when retrieving data. Pins
FIFO_LEV[2:0] set the level or depth of the FIFO. Note that
these pins must be left unconnected on the ADS1625. The
FIFO is enabled by setting at least one of the FIFO_LEV
inputs high. Table 5 shows the corresponding FIFO level
and DRDY period for the different combinations of
FIFO_LEV[2:0] settings. For the best performance when
using the FIFO, it is recommended to:
1.
Set IOVDD = 3V.
2.
Synchronize data retrieval with CLK.
3.
Minimize loading on outputs DOUT[17:0].
4.
Ensure rise and fall times on CLK and RD are 1ns or
longer.
Table 5. FIFO Buffer Level Settings for the
ADS1626
FIFO_LEV[2:0]
FIFO BUFFER LEVEL
DRDY PERIOD
000
0: disabled,
operates like ADS1625
32/fCLK
001
2
64/fCLK
010
4
128/fCLK
011
6
192/fCLK
100
8
256/fCLK
101
10
320/fCLK
110
12
384/fCLK
111
14
448/fCLK
FIFO Operation
The ADS1626 FIFO collects the number of output
readings
set
by
the
level
corresponding
to
the
FIFO_LEV[2:0] setting. When the specified level is
reached, DRDY is pulsed high, indicating the data in the
FIFO are ready to be read. The DRDY period is a function
of the FIFO level, as shown in Table 5. To read the data,
make sure CS is low (it is acceptable to tie it low) and then
take RD low. The first, or oldest, data will be presented on
the data output pins. After reading this data, advance to the
next data reading by toggling RD. On the next falling edge
of RD, the second data are present on the data output pins.
Continue this way until all the data have been read from the
FIFO, making sure to take RD high when complete.
Afterwards, wait until DRDY toggles and repeat the
readback cycle. Figure 23 shows an example readback
when FIFO_LEV[2:0] = 010 (level = 4).
Readback considerations
The exact number of data readings set by the FIFO level
must be read back each time DRDY toggles. The one
exception is that readback can be skipped entirely. In this
case, the DRDY period increases to 512 CLK period.
Figure 24 illustrates an example when readback is
skipped with the FIFO level = 4. Do not read back more or
less readings from the FIFO than set by the level. This
interrupts the FIFO operation and can cause DRDY to stay
low indefinitely. If this occurs, the RESET pin must be
toggled followed by a RD pulse. This resets the ADS1626
FIFO and also the digital filter, which must settle
afterwards before valid data is ready. See the section,
Resetting the ADS1626, for more details. Also note that
the RD signal is independent of the CS signal. Therefore,
when multiple devices are used, the RD signal should not
be shared. Alternatively, individual RD signals can be
generated by performing an OR operation with the CS
signal.
Setting the FIFO Level
The FIFO level setting is usually a static selection that is
set when power is first applied to the ADS1626. If the FIFO
level needs to be changed after powerup, there are two
options. One is to asynchronously set the new value on pin
FIFO_LEV[2:0] then toggle RESET. Remember that the
ADS1626 will need to settle after resetting. See the
section, Resetting the ADS1626, for more details. The
other option avoids requiring a reset, but needs
synchronization of the FIFO level change with the
readback. The FIFO_LEV[2:0] pins have to be changed
after RD goes high after reading the first data, but before
RD goes low to read the last data from the FIFO. The new
FIFO level becomes active immediately and the DRDY
period adjusts accordingly. When decreasing the FIFO
level this way, make sure to give adequate time for
readback of the data before setting the new, smaller level.
Figure 25 illustrates an example of a synchronized FIFO
level change from 4 to 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com