Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5501ASE Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX5501ASE
Description  InGAP HBT Gain Block
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5501ASE Datasheet(HTML) 3 Page - Microsemi Corporation

  LX5501ASE Datasheet HTML 1Page - Microsemi Corporation LX5501ASE Datasheet HTML 2Page - Microsemi Corporation LX5501ASE Datasheet HTML 3Page - Microsemi Corporation LX5501ASE Datasheet HTML 4Page - Microsemi Corporation LX5501ASE Datasheet HTML 5Page - Microsemi Corporation LX5501ASE Datasheet HTML 6Page - Microsemi Corporation LX5501ASE Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LX5501A
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2004
Rev. 1.1, 2005-07-14
InGAP HBT Gain Block
TM
®
F I GURE 1: TES T CIRCUIT FOR 1 TO 6 GHZ
C1
C2
L1
C3
C4
VCC
OUT
IN
LX5501A
35
1
2
4
Rext
Component
Value
Comment
C1,C2
10pF
DC block (0402)
C3
10pf
RF decoupling (0402)
C4
0.1uF
LF decoupling (0402)
L1
3.3nH
RF choke (0402)
REXT
50 ohms
Bias setting resistor (0402)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com