Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5501ASE Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX5501ASE
Description  InGAP HBT Gain Block
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5501ASE Datasheet(HTML) 5 Page - Microsemi Corporation

  LX5501ASE Datasheet HTML 1Page - Microsemi Corporation LX5501ASE Datasheet HTML 2Page - Microsemi Corporation LX5501ASE Datasheet HTML 3Page - Microsemi Corporation LX5501ASE Datasheet HTML 4Page - Microsemi Corporation LX5501ASE Datasheet HTML 5Page - Microsemi Corporation LX5501ASE Datasheet HTML 6Page - Microsemi Corporation LX5501ASE Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LX5501A
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2004
Rev. 1.1, 2005-07-14
InGAP HBT Gain Block
TM
®
TY PCA L 5. 8 GHZ CHARAC TER ISTICS @ 25 ° C
T Y PI CAL SUP P L Y CURRENT VARIATION
O V E R –40 TO +85 ° C AMB I ENT
P1dB = 11.5
dBm
-15
-10
-5
0
5
10
15
-25
-20
-15
-10
-5
0
5
Pin - dBm
0
5
10
15
20
25
30
35
40
45
50
P1dB
Pout
Gain
Ic
VCC = 5V, REXT = 50Ω
0
5
10
15
20
25
30
35
40
45
-20
-15
-10
-5
0
5
10
15
Pin - dBm
-40 deg C
+25 deg C
+85 deg C
Frequency = 5.8GHz, VCC = 5V. REXT = 50Ω
T Y P C AL G A IN V A RIATIO N O V ER – 4 0 TO
+85 ° C A M BIEN T
TY PCA L P 1 DB VA R I AT I O N OV ER –4 0 T O
+85 ° C A M BIEN T
0
2
4
6
8
10
12
14
-20
-15
-10
-5
0
5
10
15
Pin - dBm
-40 deg C
+25 deg C
+85 deg C
Frequency = 5.8GHz, VCC = 5V, REXT = 50Ω
0
2
4
6
8
10
12
-50
0
50
100
Am bient Tem perature - deg C
P1dB
Frequency = 5.8GHz, VCC = 5V, REXT = 50Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com