Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5501ASE Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX5501ASE
Description  InGAP HBT Gain Block
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5501ASE Datasheet(HTML) 2 Page - Microsemi Corporation

  LX5501ASE Datasheet HTML 1Page - Microsemi Corporation LX5501ASE Datasheet HTML 2Page - Microsemi Corporation LX5501ASE Datasheet HTML 3Page - Microsemi Corporation LX5501ASE Datasheet HTML 4Page - Microsemi Corporation LX5501ASE Datasheet HTML 5Page - Microsemi Corporation LX5501ASE Datasheet HTML 6Page - Microsemi Corporation LX5501ASE Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LX5501A
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2004
Rev. 1.1, 2005-07-14
InGAP HBT Gain Block
TM
®
ABSOLUTE MAXI MUM RATI NGS
DC Supply Voltage ............................................................................................6V
Collector Current ........................................................................................100mA
RF Input Power ........................................................................................... 10dBm
Operating Temperature Range ...........................................................-40 to +85
°C
Storage Temperature Range...........................................................-65
°C to 150°C
Peak Package Solder Reflow Temp. (40 second max. exposure) ... 260°C (+0, -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
PACKAGE PI N OUT
RF Output
/ VCC
GND
GND
RF Input
GND
1
2
34
5
SE
PACKAGE
(Top View)
RoHS / Pb-free 100% Matte Tin Lead Finish
FUNCTIONAL PIN DESCRIPTION
Pin No.
Description
1
Ground
2
Ground
3
RF Input
4
Ground
5
RF Output/VCC Supply
RECOMM END E D O P ERATI NG CONDI T I ONS
LX5501A
Parameter
Symbol
Min
Typ
Max
Units
Supply Voltage (with appropriate external resistor)
VCC
3.5
6
V
Quiescent Current (No RF input)
Icq
10
40
mA
ELECTRI CAL CHA RACTERI S TI CS
Conditions: +25
°C, 5V supply voltage.
LX5501A
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
GENERAL SPECIFICATIONS (FIG 1. TEST CIRCUIT)
Small Signal Gain
S21
Frequency = 5.8 GHz
11.4
dB
P1dB Compression
P1dB
Frequency = 5.8 GHz
11.5
dBm
Input Return Loss
S11
Frequency = 2.4-6 GHz
-10
dB
Output Return Loss
S22
Frequency = 2.4-6 GHz
-10
dB
Isolation
S12
Frequency = 2.4-6 GHz
-20
dB
Harmonics
Frequency = 5.8 GHz, Pout = 10 dBm
-30
dBC
Quiescent Current
Icq
30
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com