Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3C1041 Datasheet(PDF) 7 Page - Pyramid Semiconductor Corporation

Part # P3C1041
Description  HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P3C1041 Datasheet(HTML) 7 Page - Pyramid Semiconductor Corporation

Back Button P3C1041 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 9Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 10Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
P3C1041
Page 7 of 10
Document # SRAM130 REV OR
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Times
3ns
Input Timing Reference Level
1.5V
Output Timing Reference Level
1.5V
Output Load
See Figures 1 and 2
AC TEST CONDITIONS
Figure 1. Output Load
Figure 2. Thevenin Equivalent
* including scope and test fixture.
Note:
Because of the ultra-high speed of the P3C1041, care must be taken
when testing this device; an inadequate setup can cause a normal
functioning part to be rejected as faulty. Long high-inductance leads
that cause supply bounce must be avoided by bringing the V
CC and
ground planes directly up to the contactor fingers. A 0.01 µF high
frequency capacitor is also required between V
CC and ground. To avoid
signal reflections, proper termination must be used; for example, a 50
Ω
test environment should be terminated into a 50
Ω load with 1.73V
(Thevenin Voltage) at the comparator input, and a 116
Ω resistor must
be used in series with D
OUT to match 166Ω (Thevenin Resistance).
Active
TRUTH TABLE
Standby
Power
I/O
0 - I/O7
WE
WE
WE
WE
WE
OE
OE
OE
OE
OE
CE
CE
CE
CE
CE
D
OUT
D
OUT
High Z
D
IN
X
H
H
H
L
X
L
L
L
X
H
L
L
L
Active
Active
Active
High Z
L
BHE
BHE
BHE
BHE
BHE
BLE
BLE
BLE
BLE
BLE
X
L
H
L
L
X
L
L
H
L
I/O
8 - I/O15
D
OUT
High Z
D
OUT
D
IN
High Z
Read Upper Bits Only
Power-down
Mode
Read All Bits
Read Lower Bits Only
Write All Bits
D
IN
L
X
L
Active
H
L
High Z
Write Lower Bits Only
High Z
L
X
L
Active
L
HD
IN
Write Upper Bits Only
High Z
H
H
L
Active
X
X
High Z
Selected, Outputs Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com