Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3C1041 Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P3C1041
Description  HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P3C1041 Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P3C1041 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Document # SRAM130 REV OR
Revised October 2005
P3C1041
HIGH SPEED 256K x 16 (4 MEG)
STATIC CMOS RAM
High Speed (Equal Access and Cycle Times)
— 10/12/15/20 ns (Commercial)
— 12/15/20 ns (Industrial)
Low Power
— 325 mW (max.)
Single 3.3V ± 0.3V Power Supply
2.0V Data Retention
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATION
1519B
FEATURES
DESCRIPTION
The P3C1041 is a 262,144 words by 16 bits high-speed
CMOS static RAM. The CMOS memory requires no
clocks or refreshing, and has equal access and cycle
times. Inputs are fully TTL-compatible. The RAM oper-
ates from a single 3.3V ± 0.3V tolerance power
supply.
Access times as fast as 10 nanoseconds permit greatly
enhanced system operating speeds. CMOS is utilized
to reduce power consumption to a low level. The P3C1041
is a member of a family of PACE RAM™ products offer-
ing fast access times.
The P3C1041 device provides asynchronous operation
with matching access and cycle times. Memory loca-
tions are specified on address pins A
0 to A17. Reading is
accomplished by device selection (CE and output en-
abling (OE) while write enable (WE) remains HIGH. By
presenting the address under these conditions, the data
in the addressed memory location is presented on the
data input/output pins. The input/output pins stay in the
HIGH Z state when either CE or OE is HIGH or WE is
LOW.
Package options for the P3C1041 include 44-pin SOJ
and TSOP packages.
Easy Memory Expansion Using CE
CE
CE
CE
CE and OE
OE
OE
OE
OE
Inputs
Fully TTL Compatible Inputs and Outputs
Advanced CMOS Technology
Fast t
OE
Automatic Power Down when deselected
Packages
—44-Pin SOJ, TSOP II
SOJ
TSOPII


Similar Part No. - P3C1041

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P3C1011 PYRAMID-P3C1011 Datasheet
110Kb / 10P
HIGH SPEED 128K x 16 (2 MEG) STATIC CMOS RAM
P3C1011-10JC PYRAMID-P3C1011-10JC Datasheet
110Kb / 10P
HIGH SPEED 128K x 16 (2 MEG) STATIC CMOS RAM
P3C1011-10JI PYRAMID-P3C1011-10JI Datasheet
110Kb / 10P
HIGH SPEED 128K x 16 (2 MEG) STATIC CMOS RAM
P3C1011-10JM PYRAMID-P3C1011-10JM Datasheet
110Kb / 10P
HIGH SPEED 128K x 16 (2 MEG) STATIC CMOS RAM
P3C1011-10TC PYRAMID-P3C1011-10TC Datasheet
110Kb / 10P
HIGH SPEED 128K x 16 (2 MEG) STATIC CMOS RAM
More results

Similar Description - P3C1041

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V416 IDT-IDT71V416 Datasheet
29Kb / 2P
3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
IDT71V416VS IDT-IDT71V416VS Datasheet
95Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S IDT-IDT71V416S Datasheet
90Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416YS IDT-IDT71V416YS Datasheet
84Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
logo
Pyramid Semiconductor C...
P4C1041 PYRAMID-P4C1041 Datasheet
445Kb / 10P
HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
logo
Integrated Device Techn...
IDT71V416S15PHI IDT-IDT71V416S15PHI Datasheet
107Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416L10BEI IDT-IDT71V416L10BEI Datasheet
107Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
logo
Pyramid Semiconductor C...
P4C1041L PYRAMID-P4C1041L Datasheet
674Kb / 11P
LOW POWER 256K x 16 (4 MEG) STATIC CMOS RAM
logo
Force Technologies Ltd
FTC41041 FORCE-FTC41041 Datasheet
1Mb / 11P
HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com