Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3C1041 Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # P3C1041
Description  HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P3C1041 Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  P3C1041 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P3C1041 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
P3C1041
Page 3 of 10
Document # SRAM130 REV OR
*V
CC = 3.6V. Tested with outputs open. f = Max. Switching inputs are 0V and 3V. CE = VIL, OE = VIH.
I
CC
Symbol
Parameter
Temperature
Range
Dynamic Operating Current*
Commercial
Industrial
N/A
–12
–10
–15
–20
Unit
mA
mA
POWER DISSIPATION CHARACTERISTICS VS. SPEED
90
85
95
80
90
75
85
AC ELECTRICAL CHARACTERISTICS—READ CYCLE
(V
CC = 3.3V ± 0.3V, All Temperature Ranges)
(2)
Sym.
t
RC
t
AA
t
AC
t
OH
t
LZ
t
HZ
t
OE
t
OLZ
t
OHZ
t
PU
t
PD
Parameter
Read Cycle Time
Address Access Time
Chip Enable Access Time
Output Hold from Address Change
Chip Enable to Output in Low Z
Chip Disable to Output in High Z
Output Enable Low to Low Z
Output Enable High to High Z
Chip Enable to Power Up Time
Chip Disable to Power Down Time
Output Enable Low to Data Valid
Max
Min
Max
Min
Max
Min
Max
Min
-10
-12
-15
-20
Unit
10
3
3
0
0
10
10
5
5
5
10
12
3
3
0
0
12
12
6
6
6
12
15
3
3
0
0
15
15
7
7
7
15
20
3
3
0
0
20
20
8
8
8
20
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
t
BE
Byte Enable to Data Valid
5
6
7
8ns
t
LZBE
Byte Enable to Low Z
0
00
0
ns
t
HZBE
Byte Disable to High Z
6
6
7
8ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com