Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2101APZ Datasheet(PDF) 13 Page - Texas Instruments

Part # TNETE2101APZ
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2101APZ Datasheet(HTML) 13 Page - Texas Instruments

Back Button TNETE2101APZ Datasheet HTML 9Page - Texas Instruments TNETE2101APZ Datasheet HTML 10Page - Texas Instruments TNETE2101APZ Datasheet HTML 11Page - Texas Instruments TNETE2101APZ Datasheet HTML 12Page - Texas Instruments TNETE2101APZ Datasheet HTML 13Page - Texas Instruments TNETE2101APZ Datasheet HTML 14Page - Texas Instruments TNETE2101APZ Datasheet HTML 15Page - Texas Instruments TNETE2101APZ Datasheet HTML 16Page - Texas Instruments TNETE2101APZ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PHY link establishment (continued)
SLINK
CDUPLEX
CSPEED
CAUTONEG
1200 ms MAX
750 ms MIN
Figure 3. External Autonegotiation Configuration and Status
Autonegotiation, duplex, and speed also can be controlled through the PHY register 0, GEN_ctl. These bits,
AUTOENB (bit 12), SPEED (bit 13), and DUPLEX (bit 8), are similar to and work with CAUTONEG, CSPEED,
and CDUPLEX, respectively. These bits can be written and read.
When CAUTONEG is low, the AUTOENB bit remains set to a 0 and cannot be set to a 1; therefore,
autonegotiation cannot be enabled. In this case, the values read from SPEED and DUPLEX reflect the values
driven on the terminals CSPEED and CDUPLEX, respectively.
When CAUTONEG is high, AUTOENB can be set to a 1 (enabled) or a 0 (disabled). When AUTOENB is
enabled, autonegotiation is started and the SPEED and DUPLEX bits are updated to reflect the negotiated
values. When AUTOENB is disabled, autonegotiation is disabled and speed and duplex are forced to the values
written in the SPEED and DUPLEX bits.
PHY configuration
The TNETE2101 can be configured externally through the terminals or internally through the PHY registers
much like the autonegotiation terminals and register bits. Each external terminal has an equivalent PHY register
bit. Table 2 correlates the terminal with the register bit.
Table 2. External Configuration Terminal/Register Bit Correlation
TERMINAL
PIN NO.
BIT
REGISTER
BIT NO.
FUNCTION
CISOLATE
38
ISOLATE
0x0
10
Sets MII interface to high-impedance state
CPWRDOWN
32
PDOWN
0x0
11
Places PHY in power-down state
CLOOPBK
30
LOOPBK
0x0
14
Enables loopback
CREPEATER
21
REPEATER
0x11
5
Enables repeater mode
CPASS5B
37
NOENDEC
0x11
8
Disables 5B4B encoder/decoder
CFIBER
22
FIBER
0x11
10
Enables fiber interface
All of the terminals are active low and the register bits are active when set to a 1. All the register bits can be written
and read. The value read from the register bit reflects the internal configuration setting of the PHY and is derived
from the external terminal setting and the internal register bit value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com