Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2101APZ Datasheet(PDF) 22 Page - Texas Instruments

Part # TNETE2101APZ
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2101APZ Datasheet(HTML) 22 Page - Texas Instruments

Back Button TNETE2101APZ Datasheet HTML 18Page - Texas Instruments TNETE2101APZ Datasheet HTML 19Page - Texas Instruments TNETE2101APZ Datasheet HTML 20Page - Texas Instruments TNETE2101APZ Datasheet HTML 21Page - Texas Instruments TNETE2101APZ Datasheet HTML 22Page - Texas Instruments TNETE2101APZ Datasheet HTML 23Page - Texas Instruments TNETE2101APZ Datasheet HTML 24Page - Texas Instruments TNETE2101APZ Datasheet HTML 25Page - Texas Instruments TNETE2101APZ Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
autonegotiation advertisement register – an_adv at 0x04
BIT
15
14
13
12
11
10
987654321
BIT
0
NP
ACK
RF
Technology Ability Field
Selector Field
Figure 11. Autonegotiation Advertisement Register
Table 8. Autonegotiation Advertisement Register Bit Functions
BIT
FUNCTION
NAME
NO.
FUNCTION
NP
15
Autonegotiation next page. When NP is set to 1, the autonegotiation process indicates to the link partner that the
PHY wishes to exchange next pages. The capability of the link partner to exchange next pages can be determined
by the value of the LPNPABLE bit in the AN_exp register. When the link partner is capable of next-page exchange,
it requests an exchange by setting the LPNP bit to 1 in the AN_lpa register. Then, the autonegotiation process waits
until the next page is written to the AN_np register, and the link partner has had its next page loaded. The link partner’s
next page then is received into the AN_lpa register.
A consequence of this process is that the PHY fails to complete autonegotiation if the PHY and its link partner agree
to exchange next pages, but the link partner never sends its next page. A software timeout, which forces
renegotiation with NP cleared to 0, should be implemented to avoid this situation.
The default value of NP is 0.
ACK
14
Acknowledge. Reserved for internal use of the autonegotiation process. Write as 0, ignore during read.
RF
13
Remote fault. When RF is set to 1, the PHY indicates a remote fault condition to its link partner. The type of fault,
as well as the criteria and method of fault detection, is PHY specific. The default value of RF is 0.
12,11
Autonegotiation advertised technology ability. Bits 12–5 represent an 8-bit value sent to the link partner to indicate
the abilities of the PHY. Once negotiated, the values of the bits are reflected in bits 12–5 in register 0
×05 of the link
partner.
Bits 11 and 12 are set to 0 by default. These bits are reserved for future use according to IEEE 802.3u. These bits
can be changed and are sent to the link partner during autonegotiation.
Technology
Ability
Field
10
Pause operation of full duplex links. Defined for use at the MAC level and when set to a 1 signifies that the MAC is
capable of performing the pause function. The pause capability is exchanged between the PHYs during the
autonegotiation but does not change the PHY’s mode of operation. The pause function is valid only during full-duplex
operation regardless of the medium. The default value of this bit is 0.
9
100BASE-T4. Default value is a 0 and should not be set to a 1 since the TNETE2101 does not support this medium.
8
100BASE-TX full duplex. Set to 1 to advertise availability to the link partner.
7
100BASE-TX half duplex. Set to 1 to advertise availability to the link partner.
6
10BASE-T full duplex. Set to 1 to advertise availability to the link partner.
5
10BASE-T half duplex. Set to 1 to advertise availability to the link partner.
Selector Field
4–0
Autonegotiation selector field code. This field has a default value of 0001, meaning that the PHY supports only IEEE
Std 802.3 format link code words.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com