Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2101APZ Datasheet(PDF) 17 Page - Texas Instruments

Part # TNETE2101APZ
Description  10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2101APZ Datasheet(HTML) 17 Page - Texas Instruments

Back Button TNETE2101APZ Datasheet HTML 13Page - Texas Instruments TNETE2101APZ Datasheet HTML 14Page - Texas Instruments TNETE2101APZ Datasheet HTML 15Page - Texas Instruments TNETE2101APZ Datasheet HTML 16Page - Texas Instruments TNETE2101APZ Datasheet HTML 17Page - Texas Instruments TNETE2101APZ Datasheet HTML 18Page - Texas Instruments TNETE2101APZ Datasheet HTML 19Page - Texas Instruments TNETE2101APZ Datasheet HTML 20Page - Texas Instruments TNETE2101APZ Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
TNETE2101
10BASE-T/100BASE-TX/100BASE-FX
LOW-POWER PHYSICAL-LAYER INTERFACE
SPWS032D – JANUARY 1997 – REVISED MARCH 1999
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MII interrupt operation
The TNETE2101 can provide an interrupt based on certain PHY events through the MII MDIO signal. This allows
software to receive an interrupt on events, such as a change in link, without periodically polling the device.
Interrupt is indicated by driving the MDIO terminal low after the quiescent cycle and while MDCLK is high. The
quiescent cycle is the cycle following the data transfer, during which neither the MACs nor the PHYs drive
the MDIO.
The interrupt feature is controlled by register bits, MINT, INTEN, and TINT. MINT is the MII-interrupt bit
(register 0x12, bit 15) and is set to a 1 when one or more interrupt events have occurred. INTEN is the
interrupt-enable bit (register 0x11, bit 1) which allows MINT to generate an interrupt on the MDIO terminal.
Additionally, to test interrupt operation (TINT), test interrupt (register 0x11, bit 0) can be set to a 1 which
generates an interrupt, regardless of the value of MINT and INTEN.
Once an interrupt has occurred, MINT can be set to a 0 again by reading the register that contains the event
status. Table 5 shows all the events that can cause MINT to be set and the register location.
Table 5. Interrupt Causes and Register Location
EVENT
CAUSE
REGISTER
BIT
JABBER
When set to a 1
0x01
1
LINK
Change in state or is different from either the last read value of current state of LINK
0x01
2
RFAULT
When set to a 1
0x01
4
AUTOCMPLT
When set to a 1
0x01
5
PAGERX
When set to a 1
0x06
1
FEFI
When set to a 1
0x12
10
SYNCLOSS
When set to a 1
0x12
11
TPENERGY
When set to a 1 and MANCONF is enabled
0x12
12
PLOK
Change in state and MANCONF is enabled
0x12
13
PHOK
When set to a 1
0x12
14
details of an interrupt on MDIO
D The first MII frame exchanged after power up on MDCLK/MDIO synchronizes the internal MII-state
machine. (After the first MII frame, the TNETE2101 does not require the 32 contiguous 1s before the start
of frame for synchronization.)
D A complete clock cycle (high and low) must occur after the last data bit. This clock cycle, or quiescent cycle,
allows the device driving MDIO to set its output to a high-impedance state. After reaching the
high-impedance state, MDIO goes high due to the required external pullup on the MDIO signal.
D Clock brought high again enables the interrupt to be driven on the MDIO line (MDIO = low). For as long as
the clock is held high, if an interrupt occurs, MDIO is driven low. The interrupt occurring is not contingent
on seeing another rising edge on the MDCLK, instead, it is clocked through, based on the internal PHY
clock.
D On every rising edge thereafter, PHY samples the MDIO line to see if the management entity is outputing
a low, signifying the start of frame. If the MDIO line is high, there is no start of frame and the PHY again drives
the MDIO line low, if there is an interrupt. If start of frame is recognized, the PHY inhibits driving the interrupt
onto the MDIO line until after the MII frame has completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com