Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9202 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 17Page - Integrated Device Technology STAC9202 Datasheet HTML 18Page - Integrated Device Technology STAC9202 Datasheet HTML 19Page - Integrated Device Technology STAC9202 Datasheet HTML 20Page - Integrated Device Technology STAC9202 Datasheet HTML 21Page - Integrated Device Technology STAC9202 Datasheet HTML 22Page - Integrated Device Technology STAC9202 Datasheet HTML 23Page - Integrated Device Technology STAC9202 Datasheet HTML 24Page - Integrated Device Technology STAC9202 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
21
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.3.
Root Node (NID = 0x00)
5.3.1.
Root PnpID
5.3.2.
Root RevID
Table 4. Root PnpID Command Verb Format
Verb ID
Payload
Response
Get
F00
00
See bitfield table
Table 5. Root PnpID Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:16]
Vendor
R
0x8384
Vendor ID = 8384h
[15:0]
Device
R
0x7630
Device ID for:
STAC9202 = 7632
STAC9202 Dolby = 7633
Table 6. Root RevID Command Verb Format
Verb ID
Payload
Response
Get
F00
02
See bitfield table
Table 7. Root RevID Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:24]
Rsvd
R
0x00
Reserved
[23:20]
Major
R
0x1
Major rev number of compliant HD Audio
specification
[19:16]
Minor
R
0x0
Minor rev number of compliant HD Audio
specification
[15:8]
Vendor
R
0x01
Vendor rev number for this device ID
[7:0]
Stepping
R
0x01
Vendor stepping number within the given
Vendor RevID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com