Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9202 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 12Page - Integrated Device Technology STAC9202 Datasheet HTML 13Page - Integrated Device Technology STAC9202 Datasheet HTML 14Page - Integrated Device Technology STAC9202 Datasheet HTML 15Page - Integrated Device Technology STAC9202 Datasheet HTML 16Page - Integrated Device Technology STAC9202 Datasheet HTML 17Page - Integrated Device Technology STAC9202 Datasheet HTML 18Page - Integrated Device Technology STAC9202 Datasheet HTML 19Page - Integrated Device Technology STAC9202 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
16
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
3. DETAILED DESCRIPTION
3.1.
SPDIF Input
SPDIF_IN can operate at 44.1 KHz, 48 KHz or 96 KHz and implements internal Jack Sensing. A
sophisticated digital PLL allows automatic rate detection and accurate data recovery. The ability to
accept consumer SPDIF voltage levels directly eliminates the need for costly external receiver ICs.
Advanced features such as record slot select and SPDIF_IN routing to the DAC allows for simulta-
neous record and play.
3.2.
SPDIF Output
SPDIF_OUT can operate at 44.1 KHz, 48 KHz, 88.2 KHz and 96 KHz as defined in the Intel High
Definition Audio Specification with resolutions up to 24 bits. This insures compatibility with all con-
sumer audio gear and allows for convenient integration into home theater systems and media center
PCs.
3.3.
Digital Microphone Support
The STAC9202 has a three-pin digital microphone interface that accepts high-rate, single-bit data
streams from two digital microphones. Each microphone requires only one data line, and both micro-
phones share a single clock line. This robust digital interface gives designers the flexibility to place
the microphones in the optimum physical location on a system (such as along the top of the screen
bezel) and use a simple, 3-wire ribbon cable to directly connect the microphones to the STAC9202
CODEC.
3.4.
Mono Out
The MONO Output is connected to pin 37 and has independent volume and mute control (see the
Widget listing for details). The MONO Output derives its input from the output of the summing node
that drives PORT A and PORT D. The following analog signals feed the summing amplifier that
feeds the MONO Out summing amplifier:
•
DAC Output: When enabled, both DAC Outputs are summed together.
•
Analog PC BEEP: Source from Pin 12
•
ADC Input: Stereo analog feed into the stereo ADC input.
The signals of the stereo channels from the DAC are combined into a single analog signal with a
-6dB degradation in signal strength.
3.5.
Headphone Drivers Restrictions
It is not recommended that users operate both Port A and Port D as headphone drivers simulta-
neously. The operation of the two ports as headphone drivers degrades the signal quality of both
outputs.1
Note: 1) Headphone capabilities are on Port A (pins 39/41) and Port D (pins 35/36). Do NOT put
headphone loads on both sets of pins at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com