Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9202 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 9Page - Integrated Device Technology STAC9202 Datasheet HTML 10Page - Integrated Device Technology STAC9202 Datasheet HTML 11Page - Integrated Device Technology STAC9202 Datasheet HTML 12Page - Integrated Device Technology STAC9202 Datasheet HTML 13Page - Integrated Device Technology STAC9202 Datasheet HTML 14Page - Integrated Device Technology STAC9202 Datasheet HTML 15Page - Integrated Device Technology STAC9202 Datasheet HTML 16Page - Integrated Device Technology STAC9202 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
13
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
2.3.
STAC9202 5V Analog Performance Characteristics
(Tambient = 25 ºC, AVdd = 5.0 V ± 5%, DVdd = 3.3 V ± 5%, AVss = DVss = 0 V; 1 KHz input sine wave; Sample
Frequency = 48 KHz; 0 dB = 1 VRMS, 10 K
Ω / 50 pF load, Testbench Characterization BW: 20 Hz – 20 KHz, 0dB set-
tings on all gain stages)
Min and Max performance targets are not included here. Specific system characteristics, such as layout, routing and
external CODEC component selection influence the performance of the CODEC. To receive min/max levels for your
system, please send us a unit and IDT will perform a full audio test suite and provide you with the results.
Parameter
Min
Typ
Max
Unit
Full Scale Input Voltage:
All Analog Inputs with out boost
-
1.00
-
Vrms
All Analog Inputs with boost (Note 1)
-
0.03
-
Vrms
Full Scale Output:
PCM (DAC) to All Analog Outputs
-
1.00
-
Vrms
HEADPHONE_OUT (32
Ω load) per channel
-50
-
mWpk
Dynamic Range: -60dB signal level (Note 2)
PCM to All Analog Outputs
-
99
-
dB
All Analog Inputs to A/D (1 VRMS Input Referenced)
-
88
-
dB
Analog Frequency Response (Note 3)
10
-
30,000
Hz
Total Harmonic Distortion + Noise (-3dB): (Note 4)
PCM to All Analog Outputs
-
-90
-
dB
All Analog Inputs to A/D (-3dBV input Level)
-
-87
-
dB
HEADPHONE_OUT (32
Ω load)
--87
-
dB
HEADPHONE_OUT (10 K
Ω load)
--90
-
dB
SNR (idle channel) (Note 5)
DAC to All Analog Outputs
-
100
-
dB
All Analog Inputs to A/D with High Pass Filter enabled
-
89
-
dB
A/D & D/A Digital Filter Pass Band (Note 6)
20
-
19,200
Hz
A/D & D/A Digital Filter Transition Band
19,200
-
28,800
Hz
A/D & D/A Digital Filter Stop Band
28,800
-
-
Hz
A/D & D/A Digital Filter Stop Band Rejcn (Note 7)
-100
-
-
dB
DAC Out-of-Band Rejection (Note 8)
-55
-
-
dB
Group Delay (48 KHz sample rate)
-
-
1
ms
Power Supply Rejection Ratio (1 KHz)
-
-70
-
dB
Power Supply Rejection Ratio (20 KHz)
-
-40
-
dB
Any Analog Input to ADC (10 KHz Signal Frequency) Crosstalk
-
-90
-
dB
Any Analog Input to ADC (1 KHz Signal Frequency) Crosstalk
-
-90
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com