Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT8024DFP4A Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 17Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 18Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 19Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 20Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 21Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 22Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 23Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 24Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 119 page
background image
Modules List
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
NXP Semiconductors
21
JTAG_nnnn
The JTAG interface is summarized in Table 4. Use of external resistors is unnecessary. However,
if external resistors are used, the user must ensure that the on-chip pull-up/down configuration is
followed. For example, do not use an external pull down on an input that has on-chip pull-up.
JTAG_TDO is configured with a keeper circuit such that the non-connected condition is eliminated
if an external pull resistor is not present. An external pull resistor on JTAG_TDO is detrimental and
should be avoided.
JTAG_MOD is referenced as SJC_MOD in the i.MX RT1060 reference manual (IMXRT1060RM).
Both names refer to the same signal. JTAG_MOD must be externally connected to GND for normal
operation. Termination to GND through an external pull-down resistor (such as 1 k) is allowed.
JTAG_MOD set to hi configures the JTAG interface to mode compliant with IEEE1149.1 standard.
JTAG_MOD set to low configures the JTAG interface for common SW debug adding all the system
TAPs to the chain.
Note : For JTAG_TRSTB pin, it is recommended to reserve
an external pull down resistor. keep this pull-down resistor on
production and remove it on debugging. If users want to use
other function on this pin (such as GPIO, Timer,etc), it is
recommended to switch JTAG_TCK and JTAG_TMS first,
then switch the setting of JTAG_TRSTB.
NC
These signals are No Connect (NC) and should be disconnected by the user.
POR_B
This cold reset negative logic input resets all modules and logic in the IC.
May be used in addition to internally generated power on reset signal (logical AND, both internal
and external signals are considered active low).
ONOFF
ONOFF can be configured in debounce, off to on time, and max time-out configurations. The
debounce and off to on time configurations supports 0, 50, 100 and 500 ms. Debounce is used to
generate the power off interrupt. While in the ON state, if ONOFF button is pressed longer than the
debounce time, the power off interrupt is generated. Off to on time supports the time it takes to
request power on after a configured button press time has been reached. While in the OFF state,
if ONOFF button is pressed longer than the off to on time, the state will transition from OFF to ON.
Max time-out configuration supports 5, 10, 15 seconds and disable. Max time-out configuration
supports the time it takes to request power down after ONOFF button has been pressed for the
defined time.
TEST_MODE
TEST_MODE is for NXP factory use. The user can leave this signal floating or tie it to ground.
WAKEUP
A GPIO powered by SNVS domain power supply which can be configured as wakeup source in
SNVS mode.
Table 4. JTAG Controller interface summary
JTAG
I/O Type
On-chip Termination
JTAG_TCK
Input
100 kpull-down
JTAG_TMS
Input
47 kpull-up
JTAG_TDI
Input
47 kpull-up
JTAG_TDO
3-state output
Keeper
Table 3. Special signal considerations (continued)
Signal Name
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com