Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT8024DFP4A Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 35Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 36Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 37Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 38Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 39Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 40Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 41Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 42Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 119 page
background image
Electrical Characteristics
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
NXP Semiconductors
39
Figure 4. Load circuit for output
Figure 5. Output transition time waveform
4.3.2.1
General purpose I/O AC parameters
The I/O AC parameters for GPIO in slow and fast modes are presented in the Table 24 and Table 25,
respectively. Note that the fast or slow I/O behavior is determined by the appropriate control bits in the
IOMUXC control registers.
Table 24. General purpose I/O AC parameters 1.8 V mode
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Pad Transition Times, rise/fall
(Max Drive, ipp_dse=111)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
—
—
2.72/2.79
1.51/1.54
ns
Output Pad Transition Times, rise/fall
(High Drive, ipp_dse=101)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
—
—
3.20/3.36
1.96/2.07
Output Pad Transition Times, rise/fall
(Medium Drive, ipp_dse=100)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
—
—
3.64/3.88
2.27/2.53
Output Pad Transition Times, rise/fall
(Low Drive. ipp_dse=011)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
—
—
4.32/4.50
3.16/3.17
Input Transition Times1
1 Hysteresis mode is recommended for inputs with transition times greater than 25 ns.
trm
—
—
—
25
ns
Test Point
From Output
Under Test
CL
CL includes package, probe and fixture capacitance
0 V
OVDD
20%
80%
80%
20%
tr
tf
Output (at pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com