Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT8024DFP4A Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 24Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 25Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 26Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 27Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 28Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 29Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 30Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 31Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 119 page
background image
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
28
NXP Semiconductors
Electrical Characteristics
See the i.MX RT1060 Power Consumption Measurement Application Note for more details on typical
power consumption under various use case definitions.
Table 12. Maximum supply currents
Power Rail
Conditions
Max Current
Unit
DCDC_IN
Max power for chip at 95 oC with core
mark run on FlexRAM
110
mA
VDD_HIGH_IN
Include internal loading in analog
50
mA
VDD_SNVS_IN
—
250
A
USB_OTG1_VBUS
USB_OTG2_VBUS
25 mA for each active USB interface
50
mA
VDDA_ADC_3P3
3.3 V power supply for 12-bit ADC, 600
A typical, 750 A max, for each ADC.
100 Ohm max loading for touch panel,
cause 33 mA current.
40
mA
NVCC_GPIO
NVCC_SD0
NVCC_SD1
NVCC_EMC
Imax = N x C x V x (0.5 x F)
Where:
N—Number of IO pins supplied by the power line
C—Equivalent external capacitive load
V—IO voltage
(0.5 x F)—Data change rate. Up to 0.5 of the clock rate (F)
In this equation, Imax is in Amps, C in Farads, V in Volts, and F in Hertz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com