Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1069AV33 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1069AV33
Description  2M x 8 Static RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1069AV33 Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY7C1069AV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CY7C1069AV33
Document #: 38-05255 Rev. *F
Page 7 of 9
Package Diagrams
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
10
CY7C1069AV33-10ZC
51-85160
54-pin TSOP II
Commercial
CY7C1069AV33-10ZXC
54-pin TSOP II (Pb-free)
CY7C1069AV33-10BAC
51-85162
60-ball (8 mm x 20 mm x 1.2 mm) FBGA
CY7C1069AV33-10ZI
51-85160
54-pin TSOP II
Industrial
CY7C1069AV33-10ZXI
54-pin TSOP II (Pb-free)
CY7C1069AV33-10BAI
51-85162
60-ball (8 mm x 20 mm x 1.2 mm) FBGA
12
CY7C1069AV33-12ZC
51-85160
54-pin TSOP II
Commercial
CY7C1069AV33-12ZXC
54-pin TSOP II (Pb-free)
CY7C1069AV33-12BAC
51-85162
60-ball (8 mm x 20 mm x 1.2 mm) FBGA
CY7C1069AV33-12ZI
51-85160
54-pin TSOP II
Industrial
CY7C1069AV33-12ZXI
54-pin TSOP II (Pb-free)
CY7C1069AV33-12BAI
51-85162
60-ball (8 mm x 20 mm x 1.2 mm) FBGA
51-85160-**
54-pin TSOP II (51-85160)
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com