Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1069AV33 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1069AV33
Description  2M x 8 Static RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1069AV33 Datasheet(HTML) 8 Page - Cypress Semiconductor

  CY7C1069AV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CY7C1069AV33
Document #: 38-05255 Rev. *F
Page 8 of 9
© Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Package Diagrams (continued)
All product and company names mentioned in this document may be the trademarks of their respective holders
DIMENSIONS IN MM
PART #
BA60A
STANDARD PKG.
BK60A
LEAD FREE PKG.
PKG WEIGHT: 0.30 gms
A
1
A1 CORNER
0.75
Ø0.30±0.05(48X)
Ø0.25MCAB
Ø0.05MC
B
A
0.15(4X)
C
SEATING PLANE
A1 CORNER
TOP VIEW
BOTTOM VIEW
2
3
4
3.75
B
C
D
E
F
65
46
5
23
1
8.00±0.10
A
8.00±0.10
B
1.875
G
H
D
G
H
E
F
B
C
A
6.00
DUMMY BALL (0.3) X12
0.75
1.00
60-ball FBGA (8 mm x 20 mm x 1.2 mm) (51-85162)
51-85162-*D
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com