Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1069AV33 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1069AV33
Description  2M x 8 Static RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1069AV33 Datasheet(HTML) 9 Page - Cypress Semiconductor

  CY7C1069AV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1069AV33 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CY7C1069AV33
Document #: 38-05255 Rev. *F
Page 9 of 9
Document History Page
Document Title: CY7C1069AV33 2M x 8 Static RAM
Document Number: 38-05255
REV.
ECN NO.
Issue
Date
Orig. of
Change
Description of Change
**
113724
03/27/02
NSL
New Data Sheet
*A
117060
07/31/02
DFP
Removed 15-ns bin
*B
117990
08/30/02
DFP
Added 8-ns bin
Changing ICC for 8, 10, 12 bins
tpower changed from 1 µs to 1 ms
Load Cap Comment changed (for Tx line load)
tSD changed to 5.5 ns for the 10-ns bin
Changed some 8-ns bin #'s (tHZ, tDOE, tDBE)
Removed hz < lz comments
*C
120385
11/13/02
DFP
Final Data Sheet
Added note 4 to “AC Test Loads and Waveforms” and note 7 to tpu and tpd
Updated Input/Output Caps (for 48BGA only) to 8 pf/10 pf and for the 54-pin
TSOP to 6/8 pf
*D
124441
2/25/03
MEG
Changed ISB1 from 100 mA to 70 mA
Shaded the 48fBGA product offering information
*E
403984
See ECN
NXR
Changed the Logic Block Diagram On page # 1
Added notes under Pin Configuration
Changed the Package diagram of 51-85162 from Rev *A to Rev *D
Changed 48-Ball FBGA to 60-Ball FBGA in Pin Configuration
Updated the Ordering Information
*F
492137
See ECN
NXR
Removed 8 ns speed bin from product offering
Changed the description of IIX from Input Load Current to Input Leakage
Current in DC Electrical Characteristics table
Updated the Ordering Information
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com