Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA3452 Datasheet(PDF) 2 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA3452
Description  6V/3A, Fast Response, Adaptive COT Step-Down Converter in SOT23-6
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA3452 Datasheet(HTML) 2 Page - ETA SOLUTIONS CO. LIMITED

  ETA3452 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA3452 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA3452 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ETA3452
www.etasolution.com
2
Powering Minds of the Smart
PIN CONFIGURATION
ABSOLUTEMAXIMUM RATINGS
(Note: Exceeding these limits maydamage the device. Exposure to absolute maximum rating
conditions for long periods may affect device reliability.)
VIN Voltage ..................................................................–0.3V to 6.0V
All Other Pin Voltage ....................................VIN–0.3V to VIN+0.3
SW to ground current……………………..…………...Internally limited
Operating Temperature Range …………………....…–40°C to 85°C
Storage Temperature Range ……..……….………….–55°C to 150°C
Thermal Resistance
JC
JA
SOT23-6………………………..…………….100…………...190….......... °C/W
ELECTRICAL CHACRACTERISTICS
(VIN = 3.6V, unless otherwise specified. Typical values are at TA = 25oC.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
2.6
5.5
V
Input UVLO
Rising, Hysteresis=250mV
2.15
V
Input OVP
Rising, Hysteresis=200mV
6.25
V
Input Supply Current
VFB =0.5V, Device Not Switching
50
μA
Input Shutdown Current
EN=GND
0.1
1
μA
FB Feedback Voltage
0.441
0.45
0.459
V
FB Input Current
0.01
μA
Output Voltage Range
0.45
VIN
V
Load Regulation
VIN =5V, IOUT =0 to 3A
0.67
%/A
Line Regulation
VIN =3V to 4.2V, IOUT =1A
0.29
%/V
Switching Frequency
1.0
1.5
2.0
MHz
PMOS Switch On Resistance
ISW =200mA
120
mΩ
NMOS Switch On Resistance
ISW =200mA
60
mΩ
PMOS Switch Current Limit
Vin=5V
4
4.5
A
SW Leakage Current
VIN=5.5V,VSW=0 or 5.5V,EN=GND
10
μA
EN Input Current
1
μA
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.5
V
Thermal Shutdown
Rising, Hysteresis =20°C
155
°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com