Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA3452 Datasheet(PDF) 3 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA3452
Description  6V/3A, Fast Response, Adaptive COT Step-Down Converter in SOT23-6
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA3452 Datasheet(HTML) 3 Page - ETA SOLUTIONS CO. LIMITED

  ETA3452 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA3452 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA3452 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ETA3452
www.etasolution.com
3
Powering Minds of the Smart
PIN DESCRIPTION
PIN #
NAME
DESCRIPTION
1
VIN
Supply Voltage. Bypass with a 22μF ceramic capacitor to GND
2
GND
Ground
3
VOS
Output voltage sense pin, to be connected to the output node of regulator.
4
FB
Feedback Input. Connect an external resistor divider from the output to FB and GND to set the output
to a voltage between 0.45V and VIN
5
SW
Inductor Connection. Connect an 1uH inductor Between SW and the regulator output.
6
EN
Enable pin for the IC. Drive this pin to high to enable the part, low to disable.
TYPICAL CHARACTERISTICS
(Typical values are at TA = 25oC unless otherwise specified.)
40%
50%
60%
70%
80%
90%
100%
0.001
0.01
0.1
1
10
Iout (A)
Efficiency Vs. Iout,Vout=3.3V
Vin=4.2V
Vin=5V
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
0
0.5
1
1.5
2
2.5
3
Iout (A)
Output Voltage Vs. Iout,Vout=3.3V
Vin=4.2V
Vin=5V
40%
50%
60%
70%
80%
90%
100%
0.001
0.01
0.1
1
10
Iout (A)
Efficiency Vs. Iout,Vout=1.2V
Vin=2.5V
Vin=3V
Vin=3.6V
Vin=4.2V
Vin=5V
1.04
1.06
1.08
1.1
1.12
1.14
1.16
1.18
1.2
1.22
1.24
0
0.5
1
1.5
2
2.5
3
Iout (A)
Output Voltage Vs. Iout,Vout=1.2V
Vin=2.5V
Vin=3V
Vin=3.6V
Vin=4.2V
Vin=5V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com