Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA3452 Datasheet (PDF) - ETA SOLUTIONS CO. LIMITED

ETA3452 Datasheet PDF - ETA SOLUTIONS CO. LIMITED
Part # ETA3452
Download  ETA3452 Download
File Size   919.41 Kbytes
Page   3 Pages
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED
Description 6V/3A, Fast Response, Adaptive COT Step-Down Converter in SOT23-6

ETA3452 Datasheet (PDF)

Go To PDF Page Download Datasheet
ETA3452 Datasheet PDF - ETA SOLUTIONS CO. LIMITED

Part # ETA3452
Download  ETA3452 Click to download

File Size   919.41 Kbytes
Page   3 Pages
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED
Description 6V/3A, Fast Response, Adaptive COT Step-Down Converter in SOT23-6

ETA3452 Datasheet (HTML) - ETA SOLUTIONS CO. LIMITED


ETA3452 Product details

DESCRIPTION
ETA3452 belongs to a new breed of high frequency
synchronous Step-Down converters that combines the
advantages of voltage mode control and Constant-On-Time
control. Its adaptive Constant-On-Time control dynamically
changes switch on time to achieve a constant switching
frequency. It does not have the minimum on-time constrain
normally a fixed-frequency current mode Step-down
requires, allowing it to go down to very low duty ratio without
affecting loop stability. The voltage mode nature of ETA3452
also provides more superior load transient response and a
seamless transition from PFM to PWM modes. ETA3452 is
capable of supplying output with current up to 3A at 1.2V
output. All these features make ETA3452 an excellent choice
for ARM based CPU power supply.
ETA3452 is in a SOT23-6 package.

FEATURES
Adaptive COT control
Up to 95% Efficiency
Up to 91% Efficiency for low output voltage
Up to 3A Max Output current
Feedback voltage 0.45V
Excellent load transient response
SOT23-6 Package

APPLICATIONS
ARM based CPUs
Tablet, MID
Smart Phone
Smart Set-Top Box, OTT




Similar Part No. - ETA3452

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA3451 ETA-ETA3451 Datasheet
268Kb / 2P
6V/3.5A, Fast Response, Adaptive COT Step-Down Converter in Tiny DFN2x2
ETA3451D2I ETA-ETA3451D2I Datasheet
268Kb / 2P
6V/3.5A, Fast Response, Adaptive COT Step-Down Converter in Tiny DFN2x2
More results


Similar Description - ETA3452

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE732E ACE-ACE732E Datasheet
560Kb / 10P
6V/3.5A, Fast Response, Step-Down Converter
VER 1.2
logo
Diodes Incorporated
AP65353 DIODES-AP65353 Datasheet
1Mb / 15P
ADAPTIVE COT STEP-DOWN CONVERTER
Rev 2
AP65355 DIODES-AP65355 Datasheet
584Kb / 15P
650kHz ADAPTIVE COT STEP-DOWN CONVERTER
Rev 2
AP65450 DIODES-AP65450 Datasheet
579Kb / 15P
ADAPTIVE COT STEP-DOWN CONVERTER
Rev 2
AP65453 DIODES-AP65453 Datasheet
830Kb / 14P
ADAPTIVE COT STEP-DOWN CONVERTER
Rev 1
AP65550 DIODES-AP65550 Datasheet
622Kb / 16P
ADAPTIVE COT STEP-DOWN CONVERTER
Rev 5
logo
ETA SOLUTIONS CO. LIMIT...
ETA3451 ETA-ETA3451 Datasheet
268Kb / 2P
6V/3.5A, Fast Response, Adaptive COT Step-Down Converter in Tiny DFN2x2
logo
Diodes Incorporated
AP65352 DIODES-AP65352 Datasheet
809Kb / 15P
3A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
December 2017
AP65452 DIODES-AP65452 Datasheet
1Mb / 13P
4A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
October 2017
AP65454 DIODES-AP65454 Datasheet
1Mb / 13P
4A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
October 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com