Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2011 Datasheet(PDF) 6 Page - Protek Devices

Part # PA2011
Description  Low-Voltage, Low RON, Single SPDT Analog Switch.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2011 Datasheet(HTML) 6 Page - Protek Devices

  PA2011 Datasheet HTML 1Page - Protek Devices PA2011 Datasheet HTML 2Page - Protek Devices PA2011 Datasheet HTML 3Page - Protek Devices PA2011 Datasheet HTML 4Page - Protek Devices PA2011 Datasheet HTML 5Page - Protek Devices PA2011 Datasheet HTML 6Page - Protek Devices PA2011 Datasheet HTML 7Page - Protek Devices PA2011 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PA2011
2929 S. Fair Lane, Tempe, AZ 85282 Tel: (602) 414–5122. Fax: (602) 414--5141
www.protekdevices.com
TEST CIRCUITS
Switch
Input
V+
+3 V
0 V
50%
tr < 5 ns
t < 5 ns
f
V+
NO or NC
IN
COM
Switch Output
RL
CL
VOUT
Logic
Input
0.9 x VOUT
Switch
Output
Logic
Input
300
35 pF
0 V
GND
tON
0 V
tOFF
Logic "1" = Switch On
CL (includes fixture and stray capacitance)
Logic input waveforms inverted for switches that have
the opposite logic sense.
R
L
VOUT = VCOM R + R
ON
L
Figure 1. Switching Time
V+
Logic
3 V
tr <5 ns
tf <5 ns
Input
V+
V O
N
0 V
COM
NO
VO
NC
V C
N
CL
RL
VNC =VNO
300
35 pF
90%
IN
VO
GND
Switch
0 V
Output
tD
tD
CL (includes fixture and stray capacitance)
Figure 2. Break-Before-Make Interval
V+
ΔVOUT
V+
Rgen
VOUT
COM
NC or NO
VOUT
Vgen
+
IN
IN
CL
Off
On
On
3 V
GND
Q =
ΔVOUT x CL
IN depends on switch configuration: input polarity
Figure 3. Charge Injection
determined by sense of switch.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com