Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2011 Datasheet(PDF) 2 Page - Protek Devices

Part # PA2011
Description  Low-Voltage, Low RON, Single SPDT Analog Switch.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2011 Datasheet(HTML) 2 Page - Protek Devices

  PA2011 Datasheet HTML 1Page - Protek Devices PA2011 Datasheet HTML 2Page - Protek Devices PA2011 Datasheet HTML 3Page - Protek Devices PA2011 Datasheet HTML 4Page - Protek Devices PA2011 Datasheet HTML 5Page - Protek Devices PA2011 Datasheet HTML 6Page - Protek Devices PA2011 Datasheet HTML 7Page - Protek Devices PA2011 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PA2011
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
2929 S. Fair Lane, Tempe, AZ 85282 Tel: (602) 414–5122. Fax: (602) 414--5141
www.protekdevices.com
Parameter
Symbol
Limit
Unit
Reference V+ to GND
- 0.3 to + 3.3
IN COM, NC, NO1
-
,
0.3 to (V+ + 0.3 V)
C ntinuous Current (NO, NC, COM pins)
± 150
(Pulsed at 1 ms, 10 % duty cycle)
± 300
V
o
mA
Pe k Current
a
Storage Temperature
D Suffix
- 65 to 150
°C
P wer Dissipation (Packages)2
SC-893
172
mW
o
No es:
t
1.
gnals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
Si
2.
l leads welded or soldered to PC Board.
Al
3. erate 2.15 mW/°C above 70°C.
D
SPECIFICATIONS (V+ = 2.0 V)
Parameter
Symbol
Analog Switch
Test Conditions
Otherwise Unless Specified
V+ = 2.0 V, VIN = 0.4 V or 1.6 V5
Temp1
Limits
- 40 to 85 °C
Min2
Typ3
Max2 Unit
Analog Signal Range4
VNO, VNC,
VCOM
Full
0
V+
V
V+ = 2.0 V, VCOM = 0.2 V/0.9 V
Room
3.5
5.5
On-Resistance
rON
I
, I
= 20 mA
Full
Ω
5.5
INO(off)
NO NC
Room
- 1
1
Switch Off Leakage Current5
I
INC(off)
V+ = 2.2 V,
VNO, VNC= 0.5 V/1.5 V, VCOM = 1.5 V/0.5 V
COM(off)
Full
- 10
- 1
10
Room
Full
1
10
nA
- 10
Channel-On Leakage Current6
ICOM(on)
V+ = 2.2 V, VNO, VNC = VCOM = 0.5 V/1.5 V
Room
- 1
- 10
1
10
Digital Control
Input High Voltage
VINH
Full
1.5
V
Input Low Voltage
VINL
Full
0.4
Input Capacitance
Cin
Full
4
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
1
1
µA
Dynamic Characteristics
T rn-On Time
tON
u
VNO or VNC = 1.5 V, RL = 300 Ω, CL = 35 pF
Room
Full
Room
25
36
T rn-Off Time
tOFF
u
40
15
ns
Full
10
16
Break-Before-Make Time
tBBM
Room
9
15
Charge Injection4
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 Ω
Room
7
pC
O
ation4
OIRR
ff-Isol
RL = 50 Ω, CL = 5 pF, f = 1 MHz
Room
- 113
dB
Crosstalk4
XTALK
Room
- 112
CNO(off)
N , NC Off Capacitance4
O
CNC(off)
VIN = 0 or V+, f = 1 MHz
Room
26
pF
Channel-On Capacitance4
CON
Room
85
Power Supply
Positive Supply Range
V+
Negative Supply Current
I+
VIN = 0 or V+
1.8
3.3
V
0.01
1.0
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com