Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2011 Datasheet(PDF) 3 Page - Protek Devices

Part # PA2011
Description  Low-Voltage, Low RON, Single SPDT Analog Switch.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2011 Datasheet(HTML) 3 Page - Protek Devices

  PA2011 Datasheet HTML 1Page - Protek Devices PA2011 Datasheet HTML 2Page - Protek Devices PA2011 Datasheet HTML 3Page - Protek Devices PA2011 Datasheet HTML 4Page - Protek Devices PA2011 Datasheet HTML 5Page - Protek Devices PA2011 Datasheet HTML 6Page - Protek Devices PA2011 Datasheet HTML 7Page - Protek Devices PA2011 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PA2011
SPECIFICATIONS (V+ = 3 V)
Parameter
Symbol
2929 S. Fair Lane, Tempe, AZ 85282 Tel: (602) 414–5122. Fax: (602) 414--5141
www.protekdevices.com
Analog Switch
Test Conditions
Otherwise Unless Specified
V+ = 3 V, ±10 %,VIN = 0.4 V or 2.0 V5
Temp1
Limits
–40 to 85 °C
Min
2
Typ
3
Max
2
Unit
Analog Signal Range4
VNO, VNC,
VCOM
Full
0
V+
V
On-Resistance
rON
Room
Full
1.8
2.7
2.9
rON Match
ΔrON
INO, INC= 50 mA
Room
0.2
V+ = 2.7 V, VCOM = 0.9 V/1.5 V
Ω
r
r N Flatness
O
ON
Flatness
Room
0.2
0.5
Switch Off Leakage Current
INO(off)
INC(off)
V+ = 3.3 V,
VNO, VNC= 1 V/3 V, VCOM = 3 V/1 V
Room
Full
- 1
- 10
1
10
ICOM(off)
Room
Full
Channel-On Leakage Current6
ICOM(on)
V+ = 3.3 V, VNO, VNC = VCOM = 1 V/3 V
Room
- 1
- 10
- 1
- 10
1
10
1
10
nA
Digital Control
I put High Voltage
VINH
Full
1.6
n
n
I put Low Voltage
VINL
Full
0.4
V
I put Capacitance
Cin
Full
4
pF
n
I put Current
IINL or IINH
VIN = 0 or V+
Full
1
1
µA
n
Dynamic Characteristics
T rn-On Time
tON
u
16
24
Room
Full
27
T rn-Off Time
tOFF
u
Room
9
VNO or VNC = 2.0 V, RL = 300 Ω, CL = 35 pF
ns
Full
7
16
Break-Before-Make Time
tBBM
Room
7
9
Charge Injection4
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 Ω
Room
2
pC
Off-Isolation4
OIRR
RL = 50 Ω, CL = 5 pF, f = 1 MHz
Room
- 107
dB
Crosstalk4
XTALK
Room
- 107
CNO(off)
NO, NC Off Capacitance4
CNC(off)
VIN = 0 or V+, f = 1 MHz
Room
26
pF
Channel-On Capacitance4
CON
Room
84
Power Supply
Power Supply Range
V+
1.8
3.3
V
Power Supply Current
I+
Power Consumption
PC
VIN = 0 or V+
0.01
1.0
µA
3.3
µW
Notes:
1. Room = 25 °C, Full = as determined by the operating suffix.
2. Typical values are for design aid only, not guaranteed nor subject to production testing.
3. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
4. Guarantee by design, nor subjected to production test.
5. VIN = input voltage to perform proper function.
.
6 Guaranteed by 3.3V leakage testing, not production tested.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com