Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9502BS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9502BS
Description  8-bit I/O expander with I2C-bus/SPI interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9502BS Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9502BS Datasheet HTML 1Page - NXP Semiconductors PCA9502BS Datasheet HTML 2Page - NXP Semiconductors PCA9502BS Datasheet HTML 3Page - NXP Semiconductors PCA9502BS Datasheet HTML 4Page - NXP Semiconductors PCA9502BS Datasheet HTML 5Page - NXP Semiconductors PCA9502BS Datasheet HTML 6Page - NXP Semiconductors PCA9502BS Datasheet HTML 7Page - NXP Semiconductors PCA9502BS Datasheet HTML 8Page - NXP Semiconductors PCA9502BS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
PCA9502_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 October 2006
2 of 25
NXP Semiconductors
PCA9502
8-bit I/O expander with I2C-bus/SPI interface
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCA9502BS
HVQFN24
plastic thermal enhanced very thin quad flat package;
no leads; 24 terminals; body 4
× 4 × 0.85 mm
SOT616-3
Fig 1.
Block diagram of PCA9502 I2C-bus interface
Fig 2.
Block diagram of PCA9502 SPI interface
PCA9502
002aab837
VDD
I2C-BUS
GPIO
REGISTER
GPIO[7:0]
SCL
SDA
A0
IRQ
I2C/SPI
8
A1
RESET
VDD
VSS
VDD
1 k
Ω (3.3 V)
1.5 k
Ω (2.5 V)
CS
PCA9502
002aab838
SPI
GPIO
REGISTER
GPIO[7:0]
SCLK
SO
IRQ
I2C/SPI
8
SI
RESET
VDD
VSS
VDD
1 k
Ω (3.3 V)
1.5 k
Ω (2.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com