Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9502BS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9502BS
Description  8-bit I/O expander with I2C-bus/SPI interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9502BS Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9502BS Datasheet HTML 1Page - NXP Semiconductors PCA9502BS Datasheet HTML 2Page - NXP Semiconductors PCA9502BS Datasheet HTML 3Page - NXP Semiconductors PCA9502BS Datasheet HTML 4Page - NXP Semiconductors PCA9502BS Datasheet HTML 5Page - NXP Semiconductors PCA9502BS Datasheet HTML 6Page - NXP Semiconductors PCA9502BS Datasheet HTML 7Page - NXP Semiconductors PCA9502BS Datasheet HTML 8Page - NXP Semiconductors PCA9502BS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
PCA9502_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 October 2006
3 of 25
NXP Semiconductors
PCA9502
8-bit I/O expander with I2C-bus/SPI interface
6.
Pinning information
6.1 Pinning
6.2 Pin description
a. I2C-bus interface
b. SPI interface
Fig 3.
Pin configuration for HVQFN24
GPIO4
VSS
GPIO2
GPIO1
GPIO0
A1
A0
VDD
VDD
RESET
VDD
GPIO3
002aab839
Transparent top view
terminal 1
index area
6
13
5
14
4
15
3
16
2
17
1
18
PCA9502BS
GPIO4
VSS
GPIO2
GPIO1
GPIO0
SI
CS
VSS
VDD
RESET
VDD
GPIO3
002aab840
Transparent top view
terminal 1
index area
6
13
5
14
4
15
3
16
2
17
1
18
PCA9502BS
Table 2.
Pin description
Symbol
Pin
Type
Description
RESET
1
I
device hardware reset (active LOW)[1]
VDD
2, 3, 11,
22, 24
-
power supply
I2C/SPI
4
I
I2C-bus or SPI interface select. I2C-bus interface is selected if this
pin is at logic HIGH. SPI interface is selected if this pin is at logic
LOW.
CS/A0
5
I
SPI chip select or I2C-bus device address select A0. If SPI
configuration is selected by I2C/SPI pin, this pin is the SPI chip
select pin (Schmitt trigger, active LOW). If I2C-bus configuration
is selected by I2C/SPI pin, this pin along with A1 pin allows user
to change the device’s base address.
SI/A1
6
I
SPI data input pin or I2C-bus device address select A1. If SPI
configuration is selected by I2C/SPI pin, this is the SPI data input
pin. If I2C-bus configuration is selected by I2C/SPI pin, this pin
along with A0 pin allows user to change the device’s base
address. To select the device address, please refer to Table 11.
SO
7
O
SPI data output pin. If SPI configuration is selected by I2C/SPI
pin, this is a 3-stateable output pin. If I2C-bus configuration is
selected by I2C/SPI pin, this pin function is undefined and must
be left as n.c. (not connected).
SCL/SCLK
8
I
I2C-bus or SPI input clock.
SDA
9
I/O
I2C-bus data input/output, open-drain if I2C-bus configuration is
selected by I2C/SPI pin. If SPI configuration is selected then this
pin is an undefined pin and must be connected to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com