Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9502BS Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCA9502BS
Description  8-bit I/O expander with I2C-bus/SPI interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9502BS Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCA9502BS Datasheet HTML 17Page - NXP Semiconductors PCA9502BS Datasheet HTML 18Page - NXP Semiconductors PCA9502BS Datasheet HTML 19Page - NXP Semiconductors PCA9502BS Datasheet HTML 20Page - NXP Semiconductors PCA9502BS Datasheet HTML 21Page - NXP Semiconductors PCA9502BS Datasheet HTML 22Page - NXP Semiconductors PCA9502BS Datasheet HTML 23Page - NXP Semiconductors PCA9502BS Datasheet HTML 24Page - NXP Semiconductors PCA9502BS Datasheet HTML 25Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
PCA9502_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 October 2006
23 of 25
NXP Semiconductors
PCA9502
8-bit I/O expander with I2C-bus/SPI interface
18. Revision history
Table 21.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCA9502_3
20061013
Product data sheet
-
PCA9502_2
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity guidelines of
NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Table 15 “Static characteristics”, sub-section “Supplies”:
– IDD, supply current, operating; no load: changed maximum limit from 6.0 mA to 750 µA for both
2.5 V and 3.3 V supply voltage ranges
– IDD, supply current: added “static; no load” Conditions (max 600 µA)
PCA9502_2
20060803
Product data sheet
-
PCA9502_1
PCA9502_1
20060707
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com