Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5356 Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 35Page - PMC-Sierra, Inc PM5356 Datasheet HTML 36Page - PMC-Sierra, Inc PM5356 Datasheet HTML 37Page - PMC-Sierra, Inc PM5356 Datasheet HTML 38Page - PMC-Sierra, Inc PM5356 Datasheet HTML 39Page - PMC-Sierra, Inc PM5356 Datasheet HTML 40Page - PMC-Sierra, Inc PM5356 Datasheet HTML 41Page - PMC-Sierra, Inc PM5356 Datasheet HTML 42Page - PMC-Sierra, Inc PM5356 Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
29
Pin Name
Type
Pin
No.
Function
RSOC
Output
P23
The UTOPIA receive start of cell (RSOC) signal
marks the start of a cell structure on the RDAT bus.
In 16-bit Level 2 ATM mode, the first word of the cell
structure is present on the RDAT[15:0] bus when
RSOC is high. RSOC is tri-stated when RENB is
sampled high.
In 8-bit Level 3 ATM mode, the first byte of the cell
structure is present on the RDAT[7:0] bus when
RSOC is high. RDAT[15:8] are invalid and must be
ignored.
RSOC is updated on the rising edge of RFCLK.
RPRTY
Output
P21
The UTOPIA receive parity (RPRTY) signal indicates
the parity of the RDAT bus.
When in 16-bit Level 2 ATM mode, the RPRTY signal
indicates the parity on the RDAT[15:0] bus. RPRTY
is tri-stated when RENB is sampled high. Odd or
even parity selection is made in the RXCP registers.
When in 8-bit Level 3 ATM mode, the RPRTY signal
indicates the parity on the RDAT[7:0] bus. Odd or
even parity selection is made in the RUL3 registers.
RPRTY is updated on the rising edge of RFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com