Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5356 Datasheet(PDF) 13 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 13 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 9Page - PMC-Sierra, Inc PM5356 Datasheet HTML 10Page - PMC-Sierra, Inc PM5356 Datasheet HTML 11Page - PMC-Sierra, Inc PM5356 Datasheet HTML 12Page - PMC-Sierra, Inc PM5356 Datasheet HTML 13Page - PMC-Sierra, Inc PM5356 Datasheet HTML 14Page - PMC-Sierra, Inc PM5356 Datasheet HTML 15Page - PMC-Sierra, Inc PM5356 Datasheet HTML 16Page - PMC-Sierra, Inc PM5356 Datasheet HTML 17Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
3
• Detects out of cell Delineation (OCD) and loss of cell delineation (LCD) alarms.
• Counts number of received cells, idle cells, errored cells and dropped cells.
• Provides a UTOPIA Level 2 compliant 16-bit wide datapath interface (clocked up
to 50 MHz) with parity support to read extracted cells from an internal four-cell
FIFO buffer.
• Provides a UTOPIA Level 3 compatible 8-bit wide datapath interface (clocked up
to 100 MHz) with parity support to read extracted cells from an internal four-cell
FIFO buffer.
1.4
The SONET Transmitter
• Synthesizes the 622.08 MHz transmit clock from a 77.76 MHz reference.
• Provides a differential PECL bit-serial interface at 622.08 Mbit/s.
• Inserts a register programmable path signal label (C2).
• Generates the transmit payload pointer (H1, H2) and inserts the path overhead.
• Optionally inserts the 16-byte or 64-byte section trace (J0/Z0) sequence and the
16-byte or 64-byte path trace (J1) sequence from internal register banks.
• Optionally inserts externally generated data communication channels (D1-D3,
D4-D12) via a 192 kbit/s (D1-D3) serial stream and a 576 kbit/s (D4-D12) serial
stream.
• Scrambles the transmitted STS-12c/STM-4-4c or STS-3c/STM-1 stream and
inserts the framing bytes (A1, A2).
• Optionally inserts register programmable APS bytes.
• Provides a byte-serial transmit path data stream allowing two devices to
implement 1+1 APS.
• Inserts path BIP-8 codes (B3), path remote error indications (REI-P), line BIP-96
codes (B2), line remote error indications (REI-L), and section BIP-8 codes (B1) to
allow performance monitoring at the far end.
• Allows forced insertion of all-zeros data (after scrambling) and the corruption of
the section, line, or path BIP-8 codes for diagnostic purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com