Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5356 Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 67Page - PMC-Sierra, Inc PM5356 Datasheet HTML 68Page - PMC-Sierra, Inc PM5356 Datasheet HTML 69Page - PMC-Sierra, Inc PM5356 Datasheet HTML 70Page - PMC-Sierra, Inc PM5356 Datasheet HTML 71Page - PMC-Sierra, Inc PM5356 Datasheet HTML 72Page - PMC-Sierra, Inc PM5356 Datasheet HTML 73Page - PMC-Sierra, Inc PM5356 Datasheet HTML 74Page - PMC-Sierra, Inc PM5356 Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
61
10.12 ATM UTOPIA System Interfaces
The S/UNI-622-MAX system interface can be configured for ATM cell data. The
system interface provides either a UTOPIA level 2 compliant bus or a UTOPIA
Level 3 compatible bus to allow the transfer of ATM cells between the ATM layer
device and the S/UNI-622-MAX.
10.12.1
Receive ATM Interface
The Receive ATM FIFO (RXCP) provides FIFO management at the S/UNI-622-
MAX receive cell interface. The receive FIFO contains four cells. The FIFO
provides the cell rate decoupling function between the transmission system
physical layer and the ATM layer.
In general, the management functions include filling the receive FIFO, indicating
when the receive FIFO contains cells, maintaining the receive FIFO read and
write pointers, and detecting FIFO overrun and underrun conditions.
UTOPIA Level 2 Interface
The UTOPIA Level 2 compliant interface accepts a read clock (RFCLK) and read
enable signal (RENB). The interface indicates the start of a cell (RSOC) and the
receive cell available status (RCA) when data is read from the receive FIFO
(using the rising edges of RFCLK). The RCA status changes from available to
unavailable when the FIFO is either empty (when RCALEVEL0 is high) or near
empty (when RCALEVEL0 is low). This interface also indicates FIFO overruns
via a maskable interrupt and register bits. Read accesses while RCA is a logic
zero will output invalid data. The FIFO is reset on FIFO overrun, causing up to 4
cells to be lost.
UTOPIA Level 3 Interface
The UTOPIA Level 3 compliant interface accepts a read clock (RFCLK) and read
enable signal (RENB). The interface indicates the start of a cell (RSOC) when
data is read from the receive FIFO (using the rising edges of RFCLK). The RVAL
signal indicates when data on the receive data bus RDAT[7:0] is valid. The
RPRTY signal reports the parity on the RDAT[7:0] bus (selectable as odd or even
parity). RVAL will not assert until RENB is asserted. This interface also indicates
FIFO overruns via a maskable interrupt and register bits. Read accesses while
RVAL is low are ignored and will output invalid data. The FIFO is reset on FIFO
overrun, causing up to 4 cells to be lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com