Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA1099 Datasheet(PDF) 1 Page - Microchip Technology

Part # HA1099
Description  18 Product Introduction of Pin Flash MCU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HA1099 Datasheet(HTML) 1 Page - Microchip Technology

  HA1099 Datasheet HTML 1Page - Microchip Technology HA1099 Datasheet HTML 2Page - Microchip Technology HA1099 Datasheet HTML 3Page - Microchip Technology HA1099 Datasheet HTML 4Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 2004 Microchip Technology Inc.
机密
DS41230A_C_CN 第 1 页
HA1099
高性能
RISC CPU
• 仅需学习 33 条单字指令
• 除程序转移指令为双周期外
所有其它指令均为单周期
• 两级深度硬件堆栈
• 数据和指令的直接、间接和相对寻址模式
• 运行速度:
- DC - 4 MHz 时钟输入
- DC - 1 µs 指令周期
• 引脚排列和功能等同于 PIC16F54
特殊单片机功能
• 上电复位 (POR)
• 器件复位定时器 (DRT)
• 看门狗定时器 (WDT)
自带片上
RC 振荡器以保证可靠运行
• 可编程代码保护功能
• 省电的休眠模式
• 通过 2 个外部引脚连接可进行在线串行编程
(
In-Circuit Serial Programmable™, ICSP™)。
• 用户可选择振荡器:
-RC:
低成本
RC 振荡器
-XT:
标准晶体
/ 谐振器
-HS:
高速晶体
/ 谐振器
-LP:
省电的低频晶体
• 封装:
-18 引脚 PDIP 和 SOIC 封装
外设功能
•12 个 I/O 引脚:
- 方向可独立控制
- 拉 / 灌电流高,用于直接驱动 LED
•8 位实时时钟 / 计数器(TMR0),带 8 位可编程预
分频器
CMOS 技术
• 低功耗而高速的闪存技术
- 高达 100 个擦写周期
• 全静态设计
• 运行电压范围:4.0V 至 5.5V
• 商业级温度范围
引脚图
PDIP,SOIC
RA2
RA3
T0CKI
MCLR/VPP
VSS
RB0
RB1
RB2
RB3
•1
2
3
4
5
6
7
8
9
10
18
17
16
15
14
13
12
11
RA1
RA0
OSC1/CLKIN
OSC2/CLKOUT
VDD
RB7
RB6
RB5
RB4
HA1099
器件
程序存储器
数据存储器
I/O
定时器
8 位
闪存 (字)
SRAM (字节)
HA1099
512 x 12
25 x 8
12
1
18 引脚闪存单片机产品简介


Similar Part No. - HA1099

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA10 ETC2-HA10 Datasheet
426Kb / 2P
Uncompromising enterprise-class reliability and quality
logo
Vishay Siliconix
HA10-15C9RM VISHAY-HA10-15C9RM Datasheet
98Kb / 8P
Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
26-Aug-14
HA10-2N4RM VISHAY-HA10-2N4RM Datasheet
380Kb / 9P
Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
05-Dec-07
logo
Amphenol Wilcoxon Sensi...
HA100 WILCOXON-HA100 Datasheet
331Kb / 1P
Internally amplified helicopter accelerometer
Rev.A.5 02/21
logo
HBH Microwave GmbH
HA1001 HBH-HA1001 Datasheet
17Kb / 1P
1.0 - 1.5 GHz Low Noise Amplifier
More results

Similar Description - HA1099

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F230 ETC-C8051F230 Datasheet
165Kb / 2P
8K Flash, 256 RAM, 48-Pin MCU
C8051F231 ETC-C8051F231 Datasheet
162Kb / 2P
8K Flash, 256 RAM, 32-Pin MCU
C8051F236 ETC-C8051F236 Datasheet
166Kb / 2P
8K Flash, 1.25K RAM, 48-Pin MCU
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2_13 Datasheet
3Mb / 81P
Introduction and Table of Contents
logo
ASIX Electronics Corpor...
AX88178A ASIX-AX88178A Datasheet
865Kb / 15P
AX88178A Product Introduction
AX88760 ASIX-AX88760 Datasheet
498Kb / 18P
AX88760 Product Introduction
AX88772B ASIX-AX88772B Datasheet
1Mb / 20P
AX88772B Product Introduction
AX88772C ASIX-AX88772C Datasheet
1Mb / 20P
AX88772C Product Introduction
MCS7810 ASIX-MCS7810 Datasheet
333Kb / 9P
MCS7810 Product Introduction
logo
List of Unclassifed Man...
STC15W201S ETC1-STC15W201S Datasheet
252Kb / 12P
Introduction of STC15W201S series MCU (In abundant supply)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com