Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP382 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSOP382
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP382 Datasheet(HTML) 5 Page - Vishay Siliconix

  TSOP382 Datasheet HTML 1Page - Vishay Siliconix TSOP382 Datasheet HTML 2Page - Vishay Siliconix TSOP382 Datasheet HTML 3Page - Vishay Siliconix TSOP382 Datasheet HTML 4Page - Vishay Siliconix TSOP382 Datasheet HTML 5Page - Vishay Siliconix TSOP382 Datasheet HTML 6Page - Vishay Siliconix TSOP382 Datasheet HTML 7Page - Vishay Siliconix TSOP382 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
New TSOP382../TSOP384..
Document Number 81733
Rev. 1.0, 08-Aug-07
Vishay Semiconductors
www.vishay.com
5
Suitable Data Format
The TSOP38#.. series is designed to suppress
spurious output pulses due to noise or disturbance
signals. Data and disturbance signals can be
distinguished by the devices according to carrier
frequency, burst length and envelope duty cycle. The
data signal should be close to the band-pass center
frequency (e.g. 38 kHz) and fulfill the conditions in the
table below.
When a data signal is applied to the TSOP38#.. in the
presence of a disturbance signal, the sensitivity of the
receiver is reduced to insure that no spurious pulses
are present at the output. Some examples of
disturbance signals which are suppressed are:
• DC light (e.g. from tungsten bulb or sunlight)
• Continuous signals at any frequency
• Strongly
or
weakly
modulated
noise
from
fluorescent lamps with electronic ballasts (see
figure 15 or figure 16).
For data formats with short bursts please see the data sheet for TSOP381../TSOP383..
Figure 15. IR Signal from Fluorescent Lamp
with low Modulation
Figure 16. IR Signal from Fluorescent Lamp
with high Modulation
010
15
20
Time (ms)
16920
IR Signal from fluorescent
lamp with low modulation
5
010
15
20
Time (ms)
16921
IR Signal from fluorescent
lamp with high modulation
10
TSOP382..
TSOP384..
Minimum burst length
10 cycles/burst
10 cycles/burst
After each burst of length
A gap time is required of
10 to 70 cycles
10 cycles
10 to 35 cycles
10 cycles
For bursts greater than
A gap time in the data stream is needed of
70 cycles
> 4 x burst length
35 cycles
> 10 x burst length
Maximum continuous short bursts/second
1800
1500
Compatible to NEC code
yes
yes
Compatible to RC5/RC6 code
yes
yes
Compatible to Sony code
yes
no
Compatible to Thomson 56 kHz code
yes
yes
Compatible to Mitsubishi code(38 kHz, preburst 8 ms, 16 bit)
yes
no
Compatible to Sharp code
yes
yes
Suppression of interference from fluorescent lamps
Most common disturbance
signals are suppressed
Even extreme disturbance
signals are suppressed



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com