Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP382 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSOP382
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP382 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSOP382 Datasheet HTML 1Page - Vishay Siliconix TSOP382 Datasheet HTML 2Page - Vishay Siliconix TSOP382 Datasheet HTML 3Page - Vishay Siliconix TSOP382 Datasheet HTML 4Page - Vishay Siliconix TSOP382 Datasheet HTML 5Page - Vishay Siliconix TSOP382 Datasheet HTML 6Page - Vishay Siliconix TSOP382 Datasheet HTML 7Page - Vishay Siliconix TSOP382 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number 81733
Rev. 1.0, 08-Aug-07
New TSOP382../TSOP384..
Vishay Semiconductors
Figure 9. Max. Envelope Duty Cycle vs. Burst Length
Figure 10. Sensitivity vs. Ambient Temperature
Figure 11. Relative Spectral Sensitivity vs. Wavelength
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
020
40
60
80
100
120
Burst Length (number of cycles/burst)
f = 38 kHz, E
e = 2 mW /m²
TSOP382..
TSOP384..
20754
0
0.05
0.1
0.15
0.2
0.25
0.3
- 30
- 10
10
30
50
70
90
T
amb - Ambient Temperature (°C)
20755
0.0
0.2
0.4
0.6
0.8
1.0
1.2
750
850
950
1050
1150
λ - Wavelength (nm)
16919
Figure 12. Horizontal Directivity
Figure 13. Vertical Directivity
Figure 14. Sensitivity vs. Supply Voltage
19258
0.4
0.2
0
0.2
0.4
0.6
0.6
0.9
0°
30°
10°
20°
40°
50°
60°
70°
80°
1.0
0.8
0.7
drel - Relative Transmission Distance
19259
0.4
0.2
0
0.2
0.4
0.6
0.6
0.9
0°
30°
10°
20°
40°
50°
60°
70°
80°
1.0
0.8
0.7
drel - Relative Transmission Distance
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
23456
Vs - Supply Voltage (V)
20756
3.5
4.5
5.5
2.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com