Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP382 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP382
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP382 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP382 Datasheet HTML 1Page - Vishay Siliconix TSOP382 Datasheet HTML 2Page - Vishay Siliconix TSOP382 Datasheet HTML 3Page - Vishay Siliconix TSOP382 Datasheet HTML 4Page - Vishay Siliconix TSOP382 Datasheet HTML 5Page - Vishay Siliconix TSOP382 Datasheet HTML 6Page - Vishay Siliconix TSOP382 Datasheet HTML 7Page - Vishay Siliconix TSOP382 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
New TSOP382../TSOP384..
Document Number 81733
Rev. 1.0, 08-Aug-07
Vishay Semiconductors
www.vishay.com
1
IR Receiver Modules for Remote Control Systems
Description
The TSOP38#.. series are miniaturized receivers for
infrared remote control systems. A PIN diode and a
preamplifier are assembled on a lead frame, the
epoxy package acts as an IR filter.
The demodulated output signal can be directly
decoded by a microprocessor. The TSOP382.. is
compatible with all common IR remote control data
formats. The TSOP384.. is optimized to suppress
almost all spurious pulses from energy saving
fluorescent lamps but will also suppress some data
signals.
This component has not been qualified according to
automotive specifications.
Features
• Very low supply current
• Photo detector and preamplifier in one
package
• Internal filter for PCM frequency
• Improved shielding against EMI
• Supply voltage: 2.5 V to 5.5 V
• Improved immunity against ambient light
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
• Insensitive to supply voltage ripple and noise
Mechanical Data
Pinning:
1 = OUT, 2 = GND, 3 = VS
Product Matrix
Parts Table
Block Diagram
Application Circuit
Standard applications
Very noisy enviroments
TSOP382..
TSOP384..
Part
Carrier Frequency
TSOP38#30
30 kHz
TSOP38#33
33 kHz
TSOP38#36
36 kHz
TSOP38#38
38 kHz
TSOP38#40
40 kHz
TSOP38#56
56 kHz
19026
30 k
Ω
2
3
1
V S
OUT
Demo-
GND
Pass
AGC
Input
PIN
Band
dulator
Control Circuit
16833
IR Transmitter
with
TSALxxxx
µC
GND
TSOP....
Circuit
VS
OUT
VO
19267
No external components are required
e3


Similar Part No. - TSOP382

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP382 VISHAY-TSOP382 Datasheet
202Kb / 8P
IR Receiver Modules for Remote Control Systems
13-Apr-2022
TSOP382.. VISHAY-TSOP382.. Datasheet
202Kb / 8P
IR Receiver Modules for Remote Control Systems
13-Apr-2022
TSOP38230 VISHAY-TSOP38230 Datasheet
154Kb / 8P
IR Receiver Modules for Remote Control Systems
02-Jun-08
TSOP38230 VISHAY-TSOP38230 Datasheet
227Kb / 8P
IR Receiver Modules for Remote Control Systems
Rev. 2.1, 27-May-2025
TSOP38230 VISHAY-TSOP38230_V01 Datasheet
227Kb / 8P
IR Receiver Modules for Remote Control Systems
Rev. 2.1, 27-May-2025
More results

Similar Description - TSOP382

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
TSOP372 VISHAY-TSOP372 Datasheet
257Kb / 11P
IR Receiver Modules for Remote Control Systems
11-Nov-15
TSOP572 VISHAY-TSOP572 Datasheet
259Kb / 11P
IR Receiver Modules for Remote Control Systems
10-Nov-15
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
IR Receiver Modules for Remote Control Systems
13-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com