Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM73121 Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 17Page - PMC-Sierra, Inc PM73121 Datasheet HTML 18Page - PMC-Sierra, Inc PM73121 Datasheet HTML 19Page - PMC-Sierra, Inc PM73121 Datasheet HTML 20Page - PMC-Sierra, Inc PM73121 Datasheet HTML 21Page - PMC-Sierra, Inc PM73121 Datasheet HTML 22Page - PMC-Sierra, Inc PM73121 Datasheet HTML 23Page - PMC-Sierra, Inc PM73121 Datasheet HTML 24Page - PMC-Sierra, Inc PM73121 Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

NEW FEATURES
Changes in the AAL1gator II (PM73121) version from the WAC-021-C-X version are as fol-
lows:
•
After power-up, setting the CMD_REG_ATTN register bit (refer to page 166) causes the
device revision register to be loaded with code 121A
h.
•
Supports the “Fast Algorithm” method for processing SNs, as specified in the ITU-T
Recommendation I.363.1.
•
This method maintains bit integrity through any single corrupted cell, single misin-
serted cell, or up to six missing cells as determined by the value of the SN and SNP
field. However, bit integrity cannot be maintained if an underrun occurs.
•
If structured cells are used, adjustments for missing or errored pointer cells are consid-
ered. Pointer cells will be predicted to be in the cells that should contain pointers as
determined by the ITU-T Recommendation I.363.1.
•
The value of the inserted cells can be FF
h, old data, one byte of conditioned data, or
pseudorandom data that uses the conditioned data and replaces the MSB with a pseu-
dorandom pattern x18 + x7 + 1. The pseudorandom option is not available for UDF-HS
mode. The pattern used is selectable on a per-VC basis.
•
The maximum number of cells, (MAX_INSERT) in the R_SN_CONFIG word (up to
six) inserted per queue is programmable on a per-queue basis (refer to
“R_SN_CONFIG Word Format” on page 160).
•
There is a bit, DISABLE_SN in the R_SN_CONFIG register (refer to
“R_SN_CONFIG Word Format” on page 160), to optionally disable SN processing
for a queue.
•
A bit has been added to disable the automatic dropping of the first cell received, as
would be normally required by ITU-T Recommendation I.363.1 (refer to
“NODROP_IN_START” on page 161).
•
The UTOPIA interface can operate as an SPHY or MPHY device, in addition to its current
ATM mode.
•
When a queue underruns, old data, one byte of conditioned data, or pseudorandom data
that uses the conditioned data and replaces the MSB with a pseudorandom pattern (x18 + x7
+ 1) will be automatically inserted. The choice is selectable per DS0. Pseudorandom
options are not available for UDF-HS mode.
•
Added the following seven new counters per queue:
•
number of dropped cells
•
number of lost cells
•
number of pointer reframes
•
number of underruns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com