Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM73121 Datasheet(PDF) 18 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 18 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 14Page - PMC-Sierra, Inc PM73121 Datasheet HTML 15Page - PMC-Sierra, Inc PM73121 Datasheet HTML 16Page - PMC-Sierra, Inc PM73121 Datasheet HTML 17Page - PMC-Sierra, Inc PM73121 Datasheet HTML 18Page - PMC-Sierra, Inc PM73121 Datasheet HTML 19Page - PMC-Sierra, Inc PM73121 Datasheet HTML 20Page - PMC-Sierra, Inc PM73121 Datasheet HTML 21Page - PMC-Sierra, Inc PM73121 Datasheet HTML 22Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

WAC-121-A
Description
The AAL1 Segmentation And Reassembly (SAR) Processor (AAL1gator II™) provides DS1, E1,
E3, or DS3 line interface access to an ATM Adaptation Layer One (AAL1) Constant Bit Rate
(CBR) ATM network. It arbitrates access to an external SRAM for storage of the configuration,
the user data, and the statistics. The device provides a microprocessor interface for configuration,
management, and statistics gathering. PMC-Sierra also offers a software device control package
for the AAL1gator II device.
FEATURES
Circuit Interface Features
•
Provides AAL1 segmentation and reassembly of eight 2 Mbit/s data streams or one
45 Mbit/s or less data stream.
•
Supports 256 Virtual Channels (VCs) (32 per line).
•
Supports n
× 64 structured data format.
•
Supports arbitrary timeslot-to-VC mappings, including alternating timeslots.
•
Provides Common Channel Signaling (CCS) and Channel Associated Signaling (CAS)
configuration options.
•
Provides per-VC data and signaling conditioning in both the transmit and the receive
directions.
•
Arbitrates a 16-bit microprocessor interface to a 128K
× 16 (12 ns) SRAM.
•
Supports multicast connections, ATM Monitoring (AMON), Remote Monitoring
(RMON), and ATM Circuit Steering (ACS).
•
Supports adaptive clocking in Structured Data Format, Frame-based (SDF-FR),
Structured Data Format, Multiframe-based (SDF-MF), and Unstructured Data Format,
Multiple Line (UDF-ML) modes.
Transmit Cell Interface Features
•
Provides an ATM-layer or PHY-layer 33 MHz UTOPIA interface. Both Single PHY
(SPHY) and Multi-PHY (MPHY) modes are supported.
•
Provides per-VC transmit queueing.
•
Provides a calendar queue service algorithm that produces minimal Cell Delay Variation
(CDV).
•
Provides a supervisory transmit buffer for Operations, Administration, and Maintenance
(OAM), and for ATM signaling.
•
Generates pointers for structured data transmission.
•
Provides sequence number and sequence number protection generation.
•
Provides partially filled cell generation with the length configurable on a per-VC basis.
•
Generates and transmits Synchronous Residual Time Stamp (SRTS) values for
unstructured modes.
•
Built-in transmit line clock generation based on received SRTS values, receive line clock,
or a nominal frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com