Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7130LA55FG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7130LA55FG
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7130LA55FG Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7130LA55FG Datasheet HTML 1Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 2Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 3Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 4Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 5Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 6Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 7Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 8Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
IDT7130SA/LA and IDT7140SA/LA
High-Speed 1K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
2
Description
The IDT7130/IDT7140 are high-speed 1K x 8 Dual-Port Static
RAMs. The IDT7130 is designed to be used as a stand-alone 8-bit
Dual-Port RAM or as a "MASTER" Dual-Port RAM together with the
IDT7140 "SLAVE" Dual-Port in 16-bit-or-more word width systems.
Using the IDT MASTER/SLAVE Dual-Port RAM approach in 16-or-
more-bit memory system applications results in full-speed, error-
free operation without the need for additional discrete logic.
Both devices provide two independent ports with separate con-
trol, address, and I/O pins that permit independent asynchronous
access for reads or writes to any location in memory. An automatic
power down feature, controlled by
CE, permits the on chip circuitry
of each port to enter a very low standby power mode.
Fabricated using IDT's CMOS high-performance tech-nology,
these devices typically operate on only 550mW of power. Low-
power (LA) versions offer battery backup data retention capability,
with each Dual-Port typically consuming 200µW from a 2V battery.
The IDT7130/IDT7140 devices are packaged in 48-pin sidebraze
or plastic DIPs, LCCs, flatpacks, 52-pin PLCC, and 64-pin TQFP
and STQFP. Military grade products are manufactured in compli-
ance with the latest revision of MIL-PRF-38535 QML, making it
ideally suited to military temperature applications demanding the
highest level of performance and reliability.
Pin Configurations(1,2,3)
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. P48-1 package body is approximately .55 in x .61 in x .19 in.
C48-2 package body is approximately .62 in x 2.43 in x .15 in.
L48-1 package body is approximately .57 in x .57 in x .68 in.
F48-1 package body is approximately .75 in x .75 in x .11 in.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
148
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
IDT7130/40
Por C
P48-1(4)
&
C48-2(4)
48-Pin
DIP
Top View(5)
2689 drw 02
GND
I/O6R
I/O5R
I/O4R
I/O3R
I/O2R
I/O1R
I/O0R
I/O7L
I/O6L
I/O5L
I/O4L
CER
CEL
OEL
A0L
INTL
BUSYL
R/
WL
R/
WR
BUSYR
INTR
VCC
OER
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
I/O7R
I/O3L
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
,
01/08/02
IN
01/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com