Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7130LA55FG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT7130LA55FG
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7130LA55FG Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT7130LA55FG Datasheet HTML 1Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 2Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 3Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 4Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 5Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 6Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 7Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 8Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
IDT7130SA/LA and IDT7140SA/LA
High-Speed 1K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1,5) (VCC = 5.0V ± 10%)
NOTES:
1. 'X' in part numbers indicates power rating (SA or LA).
2. PLCC , TQFP and STQFP packages only.
3. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tCYC, and using “AC TEST CONDITIONS” of input levels
of GND to 3V.
4. f = 0 means no address or control lines change. Applies only to inputs at CMOS level standby.
5. Vcc = 5V, TA=+25°C for Typ and is not production tested. Vcc DC = 100 mA (Typ)
6. Port "A" may be either left or right port. Port "B" is opposite from port "A".
7130X20
(2)
7140X20(2)
Com'l Only
7130X25
7140X25
Com'l, Ind
& Military
7130X35
7140X35
Com'l
& Military
Symbol
Parameter
Test Condition
Version
Typ.
Max.
Typ.
Max.
Typ.
Max.
Unit
ICC
Dynamic Operating
Current
(Both Ports Active)
CEL and CER = VIL,
Outputs Disabled
f = fMAX(3)
COM'L
SA
LA
110
110
250
200
110
110
220
170
110
110
165
120
mA
MIL &
IND
SA
LA
____
____
____
____
110
110
280
220
110
110
230
170
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CEL and CER = VIH
f = fMAX(3)
COM'L
SA
LA
30
30
65
45
30
30
65
45
25
25
65
45
mA
MIL &
IND
SA
LA
____
____
____
____
30
30
80
60
25
25
80
60
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A" = VIL and CE"B" = VIH(6)
Active Port OutputsDisabled,
f=fMAX(3)
COM'L
SA
LA
65
65
165
125
65
65
150
115
50
50
125
90
mA
MIL &
IND
SA
LA
____
____
____
____
65
65
160
125
50
50
150
115
ISB3
Full Standby Current
(Both Ports -
CMOS Level Inputs)
CEL and
CER > VCC - 0.2V,
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(4)
COM'L
SA
LA
1.0
0.2
15
5
1.0
0.2
15
5
1.0
0.2
30
10
mA
MIL &
IND
SA
LA
____
____
____
____
1.0
0.2
30
10
____
____
____
____
ISB4
Full Standby Current
(One Port -
CMOS Level Inputs)
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(6)
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled,
f = fMAX(3)
COM'L
SA
LA
60
60
155
115
60
60
145
105
45
45
110
85
mA
MIL &
IND
SA
LA
____
____
____
____
60
60
155
115
45
45
145
105
2689 tbl 06a
7130X55
7140X55
Com'l, Ind
& Military
7130X100
7140X100
Com'l, Ind
& Military
Symbol
Parameter
Test Condition
Version
Typ.
Max.
Typ.
Max.
Unit
ICC
Dynamic Operating
Current
(Both Ports Active)
CEL and CER = VIL,
Outputs Disabled
f = fMAX(3)
COM'L
SA
LA
110
110
155
110
110
110
155
110
mA
MIL &
IND
SA
LA
110
110
190
140
110
110
190
140
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CEL and CER = VIH
f = fMAX(3)
COM'L
SA
LA
20
20
65
35
20
20
55
35
mA
MIL &
IND
SA
LA
20
20
65
45
20
20
65
45
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A" = VIL and CE"B" = VIH(6)
Active Port Outputs Disabled,
f=fMAX(3)
COM'L
SA
LA
40
40
110
75
40
40
110
75
mA
MIL &
IND
SA
LA
40
40
125
90
40
40
125
90
ISB3
Full Standby Current
(Both Ports -
CMOS Level Inputs)
CEL and
CER > VCC - 0.2V,
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(4)
COM'L
SA
LA
1.0
0.2
15
4
1.0
0.2
15
4
mA
MIL &
IND
SA
LA
1.0
0.2
30
10
1.0
0.2
30
10
ISB4
Full Standby Current
(One Port -
CMOS Level Inputs)
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(6)
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled,
f = fMAX(3)
COM'L
SA
LA
40
40
100
70
40
40
95
70
mA
MIL &
IND
SA
LA
40
40
110
85
40
40
110
80
2689 tbl 06b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com