Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7130LA55FG Datasheet(PDF) 13 Page - Integrated Device Technology

Part # IDT7130LA55FG
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7130LA55FG Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDT7130LA55FG Datasheet HTML 9Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 10Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 11Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 12Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 13Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 14Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 15Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 16Page - Integrated Device Technology IDT7130LA55FG Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
IDT7130SA/LA and IDT7140SA/LA
High-Speed 1K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
Timing Waveform of Write with Port-to-Port Read and BUSY(2,3,4)
NOTES:
1. To ensure that the earlier of the two ports wins. tBDD is ignored for slave (IDT7140).
2.
CEL = CER = VIL
3.
OE = VIL for the reading port.
4. All timing is the same for the left and right ports. Port 'A' may be either the left or right port. Port "B" is opposite from port "A".
Timing Waveform of Write with BUSY(3)
NOTES:
1. tWH must be met for both BUSY Input (IDT7140, slave) or Output (IDT7130 master).
2.
BUSY is asserted on port "B" blocking R/W"B", until BUSY"B" goes HIGH.
3. All timing is the same for the left and right ports. Port "A" may be either the left or right port. Port "B" is oppsite from port "A".
BUSY"B"
2689 drw 13
R/
W"A"
tWP
tWH
tWB
R/
W"B"
(2)
(1)
,
tWC
tWP
tDW
tDH
tBDD
tDDD
tBDA
tWDD
ADDR"B"
DATAOUT"B"
DATAIN"A"
ADDR"A"
MATCH
VALID
MATCH
VALID
R/
W"A"
BUSY"B"
tAPS
(1)
2689 drw 12
tBAA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com