Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM73487 Datasheet(PDF) 26 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 26 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 22Page - PMC-Sierra, Inc PM73487 Datasheet HTML 23Page - PMC-Sierra, Inc PM73487 Datasheet HTML 24Page - PMC-Sierra, Inc PM73487 Datasheet HTML 25Page - PMC-Sierra, Inc PM73487 Datasheet HTML 26Page - PMC-Sierra, Inc PM73487 Datasheet HTML 27Page - PMC-Sierra, Inc PM73487 Datasheet HTML 28Page - PMC-Sierra, Inc PM73487 Datasheet HTML 29Page - PMC-Sierra, Inc PM73487 Datasheet HTML 30Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
14
2
THEORY OF OPERATIONS
2.1
Overview
The QRT is a 622 Mbps, full duplex, intelligent routing table which, when used with a switch fab-
ric composed of either SE or QSE devices, can implement ATM switches from 622 Mbps to 160
Gbps. The QRT supports a 16-bit UTOPIA Level 2 interface for ease of connection to PHY or
AAL layer devices. Four nibble-wide data interfaces connect the QRT to the switch interface.
External DRAM memory devices provide receive and transmit cell buffering, and external SRAM
devices provide control data for the QRT. This section explains the algorithms for the data flow.
Figure 14 shows an overview of the QRT system.
2.2
Interface Descriptions
2.2.1
Switch Fabric Interface
The QRT switch fabric interface consists of four groups of signals from both the ingress (receive
side) and the egress (transmit side). Each group consists of a Start-Of-Cell (SE_SOC_OUT) sig-
nal, a nibble-wide data bus, and a backpressure acknowledgment (BP_ACK_IN) signal. The
Start-Of-Cell (SE_SOC_OUT) signal is transmitted at the ingress at the same time as the begin-
ning of a cell. SE_SOC_OUT on the ingress is common to all four groups. The BP_ACK_OUT
signal flows from the egress through the switch fabric, in the direction opposite the data, and indi-
cates whether a cell has successfully passed through the switch fabric. Other signals associated
with the switch fabric interface are the switch element clock (SE_CLK) and RX_CELL_START.
To support the highest possible throughput for various switch fabric configurations, a clock
speed-up factor of 1.6 is used. That is, the switch fabric is run at a rate that is effectively 1.6 times
faster than the line rate.
Figure 14. QRT System Overview
QRT
(PM73487)
Receive Cell
SDRAM
Transmit Cell
SDRAM
Control SSRAM
Receive UTOPIA
Level 2 Interface
Transmit UTOPIA
Level 2 Interface
To QSE
Host Interface
From QSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com