Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM73487 Datasheet(PDF) 18 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 18 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 14Page - PMC-Sierra, Inc PM73487 Datasheet HTML 15Page - PMC-Sierra, Inc PM73487 Datasheet HTML 16Page - PMC-Sierra, Inc PM73487 Datasheet HTML 17Page - PMC-Sierra, Inc PM73487 Datasheet HTML 18Page - PMC-Sierra, Inc PM73487 Datasheet HTML 19Page - PMC-Sierra, Inc PM73487 Datasheet HTML 20Page - PMC-Sierra, Inc PM73487 Datasheet HTML 21Page - PMC-Sierra, Inc PM73487 Datasheet HTML 22Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
6
1.3
32 x 32 Switch Application (5 Gbps)
Figure 4 shows a basic 32
× 32 switch application (5 Gbps) using eight QRTs and one QSE.
1.4
64 x 64 Switch Application (10 Gbps)
Figure 5 shows a 64
× 64 switch application (10 Gbps) using 16 QRTs and 6 QSEs. This applica-
tion uses QSEs in a 3-stage fabric. This sized system can be implemented in a single 19-inch rack.
Figure 4. 32 x 32 Switch Application (5 Gbps)
Figure 5. 64 x 64 Switch Application (10 Gbps)
QRT #1
(PM73487)
Receive Input
QRT #8
(PM73487)
Receive Input
QSE
(PM73488)
× 4
× 4
622 Mbps
Aggregate
622 Mbps
Aggregate
Receive UTOPIA
Level 2
QRT #1
(PM73487)
Transmit Output
QRT #8
(PM73487)
Transmit Output
× 4
× 4
622 Mbps
Aggregate
622 Mbps
Aggregate
Transmit UTOPIA
Level 2
QRT #1
(PM73487)
Receive Input
QRT #8
(PM73487)
Receive Input
QSE
(PM73488)
622 Mbps
Aggregate
Receive
UTOPIA
Level 2
QRT #1
(PM73487)
Transmit Output
QRT #8
(PM73487)
Transmit Output
622 Mbps
Aggregate
QRT #9
(PM73487)
Receive Input
QRT #16
(PM73487)
Receive Input
QRT #9
(PM73487)
Transmit Output
QRT #16
(PM73487)
Transmit Output
Transmit
UTOPIA
Level 2
QSE
(PM73488)
QSE
(PM73488)
QSE
(PM73488)
QSE
(PM73488)
QSE
(PM73488)
622 Mbps
Aggregate
622 Mbps
Aggregate
Receive
UTOPIA
Level 2
622 Mbps
Aggregate
× 16
× 16
× 16
× 16
Transmit
UTOPIA
Level 2
622 Mbps
Aggregate
622 Mbps
Aggregate
622 Mbps
Aggregate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com