Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT174 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT174
Description  CDx4ACT174 Hex D-Type Flip-Flops with Clear
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT174 Datasheet(HTML) 3 Page - Texas Instruments

  CD74ACT174 Datasheet HTML 1Page - Texas Instruments CD74ACT174 Datasheet HTML 2Page - Texas Instruments CD74ACT174 Datasheet HTML 3Page - Texas Instruments CD74ACT174 Datasheet HTML 4Page - Texas Instruments CD74ACT174 Datasheet HTML 5Page - Texas Instruments CD74ACT174 Datasheet HTML 6Page - Texas Instruments CD74ACT174 Datasheet HTML 7Page - Texas Instruments CD74ACT174 Datasheet HTML 8Page - Texas Instruments CD74ACT174 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
4 Pin Configuration and Functions
Figure 4-1. CD54ACT174 J Package, 16-PIN CDIP;
CD74ACT174 D, N, or PW Package; 16-PIN SOIC,
PDIP, or TSSOP (Top View)
1Q
1D
2D
2Q
3D
3Q
GND
6Q
6D
5D
5Q
4D
CLK
4Q
PAD
CLR
V
CC
2
3
4
5
6
7
8
15
14
13
12
11
10
9
1
16
Figure 4-2. BQB Package, 16-Pin WQFN (Top View)
Table 4-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
CLR
1
I
Clear Pin
1Q
2
O
1Q Output
1D
3
I
1D Input
2D
4
I
2D Input
2Q
5
O
2Q Output
3D
6
I
3D Input
3Q
7
O
3Q Output
GND
8
—
Ground Pin
CLK
9
I
Clock Pin
4Q
10
O
4Q Output
4D
11
I
4D Input
5Q
12
O
5Q Output
5D
13
I
5D Input
6D
14
I
6D Input
6Q
15
O
6Q Output
VCC
16
P
Power Pin
www.ti.com
CD54ACT174, CD74ACT174
SCHS344B – APRIL 2003 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CD54ACT174 CD74ACT174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com