Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT174 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT174
Description  CDx4ACT174 Hex D-Type Flip-Flops with Clear
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT174 Datasheet(HTML) 20 Page - Texas Instruments

Back Button CD74ACT174 Datasheet HTML 16Page - Texas Instruments CD74ACT174 Datasheet HTML 17Page - Texas Instruments CD74ACT174 Datasheet HTML 18Page - Texas Instruments CD74ACT174 Datasheet HTML 19Page - Texas Instruments CD74ACT174 Datasheet HTML 20Page - Texas Instruments CD74ACT174 Datasheet HTML 21Page - Texas Instruments CD74ACT174 Datasheet HTML 22Page - Texas Instruments CD74ACT174 Datasheet HTML 23Page - Texas Instruments CD74ACT174 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
PACKAGE OUTLINE
4224640/A 11/2018
www.ti.com
WQFN - 0.8 mm max height
PLASTIC QUAD FLAT PACK-NO LEAD
BQB0016A
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
PIN 1 INDEX AREA
2.6
2.4
3.6
3.4
0.8
0.7
0.05
0.00
SEATING PLANE
C
1.1
0.9
2.1
1.9
2X 0.5
16X 0.30
0.18
16X 0.5
0.3
2X
2.5
10X 0.5
PIN 1 ID
(OPTIONAL)
(0.2) TYP
1
2
7
8
9
10
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com