Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT174 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT174
Description  CDx4ACT174 Hex D-Type Flip-Flops with Clear
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT174 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74ACT174 Datasheet HTML 2Page - Texas Instruments CD74ACT174 Datasheet HTML 3Page - Texas Instruments CD74ACT174 Datasheet HTML 4Page - Texas Instruments CD74ACT174 Datasheet HTML 5Page - Texas Instruments CD74ACT174 Datasheet HTML 6Page - Texas Instruments CD74ACT174 Datasheet HTML 7Page - Texas Instruments CD74ACT174 Datasheet HTML 8Page - Texas Instruments CD74ACT174 Datasheet HTML 9Page - Texas Instruments CD74ACT174 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
5.7 Switching Characteristics
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V, CL = 50 pF (unless otherwise noted) (see Load
Circuit and Voltage Waveforms)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
-55°C to 125°C
-40°C to 85°C
UNIT
MIN
MAX
MIN
MAX
fmax
80
91
MHz
tPLH
CLK
Any Q
3.5
14
3.6
12.6
ns
tPHL
3.5
14
3.6
12.6
tPLH
CLR
Any Q
3.9
15.5
4
14.1
ns
tPHL
3.9
15.5
4
14.1
5.8 Operating Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TYP
UNIT
Cpd
Power dissipation capacitance
37
pF
CD54ACT174, CD74ACT174
SCHS344B – APRIL 2003 – REVISED OCTOBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54ACT174 CD74ACT174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com